Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC97307 Datasheet(PDF) 66 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 66 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 62Page - National Semiconductor (TI) PC97307 Datasheet HTML 63Page - National Semiconductor (TI) PC97307 Datasheet HTML 64Page - National Semiconductor (TI) PC97307 Datasheet HTML 65Page - National Semiconductor (TI) PC97307 Datasheet HTML 66Page - National Semiconductor (TI) PC97307 Datasheet HTML 67Page - National Semiconductor (TI) PC97307 Datasheet HTML 68Page - National Semiconductor (TI) PC97307 Datasheet HTML 69Page - National Semiconductor (TI) PC97307 Datasheet HTML 70Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 218 page
background image
66
The Digital Floppy Disk Controller (FDC) (Logical Device 3)
www.national.com
5.0
The Digital Floppy Disk Controller
(FDC) (Logical Device 3)
The Floppy Disk Controller (FDC) is suitable for all PC-AT,
EISA, PS/2, and general purpose applications. DP8473 and
N82077 software compatibility is provided. Key features in-
clude a 16-byte FIFO, PS/2 diagnostic register support, per-
pendicular recording mode, CMOS disk input and output
logic, and a high performance Digital Data Separator
(DDS).
Figure 5-1 shows a functional block diagram of the FDC.
The rest of this chapter describes the FDC functions, data
transfer, the FDC registers, the phases of FDC commands,
the result phase status registers and the FDC commands,
in that order.
5.1
FDC FUNCTIONS
FDC functions are enabled when the FDC Function Enable
bit (bit 3) of the Function Enable Register 1 (FER1) at offset
00h in logical device 8 is set to 1. See Section 9.2.3 on page
173.
The part is software compatible with the DP8473 and 82077
FDCs. Upon a power-on reset, the 16-byte FIFO is dis-
abled. Also, the disk interface output signals are configured
as active push-pull output signals, which are compatible
with both CMOS input signals and open-collector, resistor-
terminated, disk drive input signals.
The FIFO can be enabled with the CONFIGURE command.
The FIFO can be very useful at high data rates, with sys-
tems that have a long DMA bus latency, or with multi-task-
ing systems such as the EISA or MCA bus structures.
The FDC supports all the DP8473 MODE command fea-
tures as well as some additional features. These include
control over the enabling of the FIFO for read and write op-
erations, disabling burst mode for the FIFO, a bit that will
configure the disk interface outputs as open-drain output
signals, and programmability of the DENSEL output signal.
5.1.1
Microprocessor Interface
The Floppy Disk Controller (FDC) receives commands,
transfers data, and returns status information via an FDC
microprocessor interface. This interface consists of the
A9-3, AEN, RD, and WR signals, which access the chip for
read and write operations; the data signals D7-0; the ad-
dress lines A2-0, which select the appropriate register (see
Table 5-1); an IRQ signal, and the DMA interface signals
DRQ, DACK, and TC.
5.1.2
System Operation Modes
The FDC operates in PC-AT or PS/2 drive mode, depending
on the value of bit 2 of the SuperI/O Configuration 1 register
at index 21h. See Section 2.4.3 on page 34.
FIGURE 5-1. FDC Functional Block Diagram
Internal Control and Data Bus
Interface
Logic
Address
Decoder
DMA
Enable
Logic
Main Status
Register
16-Byte
FIFO
(MSR)
PC8477B
Micro-Engine
and
Timing/Control
Logic
Data Rate
Selection
Register
(DSR)
Configuration
Control
Register
(CCR)
2 KB x 16
Micro-Code
Status
Register A
Status
Register B
Digital Input
Register
(DIR)
Digital Output
Register
(DOR)
Write
Precompen-
Digital
Data
Separator
(DDS)
Disk
Input
and
Output
Logic
DRATE0
DENSEL
DIR
DR1
HDSEL
MTR0
sator
MTR1
STEP
WGATE
WDATA
DSKCHG
INDEX
RDATA
TRK0
WP
MSEN1,0
RD
FDC Chip
WR
A2-0
Reset
D7-0
FDC DMA
TC
FDC DMA
Interrupt
FDC Clock
Select
Acknowledge
Request
DR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com