Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC97307 Datasheet(PDF) 83 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 83 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 79Page - National Semiconductor (TI) PC97307 Datasheet HTML 80Page - National Semiconductor (TI) PC97307 Datasheet HTML 81Page - National Semiconductor (TI) PC97307 Datasheet HTML 82Page - National Semiconductor (TI) PC97307 Datasheet HTML 83Page - National Semiconductor (TI) PC97307 Datasheet HTML 84Page - National Semiconductor (TI) PC97307 Datasheet HTML 85Page - National Semiconductor (TI) PC97307 Datasheet HTML 86Page - National Semiconductor (TI) PC97307 Datasheet HTML 87Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 218 page
background image
83
The Digital Floppy Disk Controller (FDC) (Logical Device 3)
www.national.com
Bit 4 - Wrong Track
This bit indicates whether or not there was a problem
finding the sector because of the track number.
0 - Sector found.
1 - Desired sector not found.
The desired sector is not found. The track number
recorded on any sector on the track is different
from the track address specified in the command
phase.
Bit 5 - CRC Error in Data Field
When the FDC detected a CRC error in the correct sec-
tor (bit 5 of the result phase Status register 1 (ST1) is 1),
this bit indicates whether it occurred in the address field
or in the data field.
0 - The CRC error occurred in the address field.
1 - The CRC error occurred in the data field.
Bit 6 - Control Mark
When the controller tried to read a sector, this bit indi-
cates whether or not it detected a deleted data address
mark during execution of a READ DATA or scan com-
mands, or a regular address mark during execution of a
READ DELETED DATA command.
0 - No control mark detected.
1 - Control mark detected.
Bit 7 - Not Used
This bit is not used and is always 0.
5.5.4
Result Phase Status Register 3 (ST3)
FIGURE 5-19. ST3 Result Phase Register
76543210
Reset
Required
0
0
0
0
0
0
0
0
Result Phase Status
Register 3 (ST3)
Not Used
Not Used
Not Used
Track 0
Drive Write Protected
Head Selected (Command Phase)
Logical Drive Selected
(Command Phase)
Bits 1,0 - Logical Drive Selected
These two binary encoded bits indicate the logical drive
selected at the end of the command phase.
The value of these bits is the same as bits 1,0 of the SR0
register, described on page 81.
00 - Drive 0 selected.
01 - Drive 1 selected.
10 - If four drives are supported, or drives 2 and 0 are
exchanged, drive 2 is selected.
11 - If four drives are supported, drive 3 is selected.
Bit 2 - Head Selected
This bit indicates which side of the Floppy Disk Drive
(FDD) is selected. It reflects the status of the HDSEL
signal at the end of the command phase.
The value of this bit is the same as bit 2 of the SR0 reg-
ister, described on page 81.
0 - Side 0 is selected.
1 - Side 1 is selected.
Bit 3 - Not Used
This bit is not used and is always 1.
Bit 4 - Track 0
This bit Indicates whether or not the head of the select-
ed drive is at track 0.
0 - The head of the selected drive is not at track 0, i.e.,
TRK0 is not active.
1 - The head of the selected drive is at track 0, i.e.,
TRK0 is active.
Bit 5 - Not Used
This bit is not used and is always 1.
Bit 6 - Drive Write Protected
This bit indicates whether or not the selected drive is
write protected, i.e., the WP signal is active (low).
0 - Selected drive is not write protected, i.e., WP is not
active.
1 - Selected drive is write protected, i.e., WP is active.
Bit 7 - Not Used
This bit is not used and is always 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com