Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC97307 Datasheet(PDF) 103 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 103 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 99Page - National Semiconductor (TI) PC97307 Datasheet HTML 100Page - National Semiconductor (TI) PC97307 Datasheet HTML 101Page - National Semiconductor (TI) PC97307 Datasheet HTML 102Page - National Semiconductor (TI) PC97307 Datasheet HTML 103Page - National Semiconductor (TI) PC97307 Datasheet HTML 104Page - National Semiconductor (TI) PC97307 Datasheet HTML 105Page - National Semiconductor (TI) PC97307 Datasheet HTML 106Page - National Semiconductor (TI) PC97307 Datasheet HTML 107Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 218 page
background image
103
www.national.com
Command Phase
When bit 2 of the second command phase byte (ETR) in the
MODE command is set to 1, the track number is stored as
a 12-bit value. See “Bit 0 - Extended Track Range (ETR)”
on page 92.
In this case, a fourth command byte should be written in the
command phase to hold the Most Significant Nibble (MSN),
i.e., the four most significant bits, of the number of the track
to seek. Otherwise (ETR bit in MODE is 0), this command
phase byte is not required. and, only three command bytes
should be written.
After the last command byte is issued, the Drive Busy bit for
the selected drive is set in the Main Status Register (MSR).
See bits 3-0 in Section 5.3.5 on page 74.
The controller waits the Delay Before Processing time (see
Table 5-25 on page 106) for the selected drive, before issu-
ing the first STEP pulse. After waiting the Delay Before Pro-
cessing time, the controller becomes idle. See “Idle Phase”
on page 80.
Second Command Phase Byte
See READ DATA command for a description of these
bits.
Third Command Phase Byte, Number of Track to Seek
The value in this byte is the number of the track to seek.
Fourth Command Phase Byte,
Bits 7-4 - MSN of Track Number
If the track number is stored as a 12-bit value, these bits
contain the Most Significant Nibble (MSN), i.e., the four
most significant bits, of the number of the track to seek.
Otherwise (the ETR bit in the MODE command is 0), this
command phase byte is not required.
Execution Phase
During the execution phase of the SEEK command, the
track number to seek to is compared with the present track
number. The controller determines how many STEP pulses
to issue and the DIR disk interface output signal indicates
which direction the head should move.
The SEEK command issues step pulses while the controller
is in the drive polling phase. The step pulse rate is deter-
mined by the value programmed in the second command
phase byte of the SPECIFY command.
An interrupt is generated one step pulse period after the last
step pulse is issued. A SENSE INTERRUPT command
should be issued to determine the cause of the interrupt.
Result Phase
None.
76543210
00001111
XXXXX
HD
DS1
DS0
Number of Track to Seek
MSN of Track # to Seek
5.7.18
The SENSE DRIVE STATUS Command
The SENSE DRIVE STATUS command indicates which
drive and which head are selected, whether or not the head
is at track 0 and whether or not the track is write protected
in result phase Status register 3 (ST3). See “Result Phase
Status Register 3 (ST3)” on page 83.
This command does not generate an interrupt.
Command Phase
See READ DATA command for a description of these bits.
Execution Phase
Disk drive status information is detected and reported.
Result Phase
See “Result Phase Status Register 3 (ST3)” on page 83.
5.7.19
The SENSE INTERRUPT Command
The SENSE INTERRUPT command returns the cause of
an interrupt that is caused by the change in status of any
disk drive.
If a SENSE INTERRUPT command is issued when no inter-
rupt is pending it is treated as an invalid command.
When to Issue SENSE INTERRUPT
The SENSE INTERRUPT command is issued to detect ei-
ther of the following causes of an interrupt:
• The FDC became ready during the drive polling phase
for an internally selected drive. See “Drive Polling
Phase” on page 80. This can occur only after a hard-
ware or software reset.
• A SEEK, RELATIVE SEEK or RECALIBRATE com-
mand terminated.
Interrupts caused by these conditions are cleared after the
first result byte has been read. Use the Interrupt Code (IC)
(bits 7,6) and SEEK End bits (bit 5) of result phase Status
register 0 (ST0) to identify the cause of these interrupts.
See “Bit 5 - SEEK End” on page 81 and Table 5-22.
76543210
00000100
XXXXX
HD
DS1
DS0
76543210
Result Phase Status Register 3 (ST3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com