Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC97307 Datasheet(PDF) 132 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 132 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 128Page - National Semiconductor (TI) PC97307 Datasheet HTML 129Page - National Semiconductor (TI) PC97307 Datasheet HTML 130Page - National Semiconductor (TI) PC97307 Datasheet HTML 131Page - National Semiconductor (TI) PC97307 Datasheet HTML 132Page - National Semiconductor (TI) PC97307 Datasheet HTML 133Page - National Semiconductor (TI) PC97307 Datasheet HTML 134Page - National Semiconductor (TI) PC97307 Datasheet HTML 135Page - National Semiconductor (TI) PC97307 Datasheet HTML 136Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 218 page
background image
132
Parallel Port (Logical Device 4)
www.national.com
6.7.2
ECP Modes Parallel Port Register Bitmaps
76543210
Reset
Required
0
0
0
0
0
0
0
0
ECP Data Register
(DATAR)
Offset 000h
D2
D4
D5
D6
D7
D0
D1
D3
76543210
Reset
Required
0
0
0
0
0
0
0
0
ECP Address Register
(AFIFO)
Offset 000h
A2
A4
A5
A6
A7
A0
A1
A3
76543210
Reset
Required
1
1
1
1
1
ECP Status Register
(DSR)
Offset 001h
Reserved
SLCT Status
PE Status
ACK Status
Printer Status
ERR Status
76543210
Reset
Required
0
0
0
0
0
0
1
1
ECP Control
Register (DCR)
Offset 002h
Printer Initialization Control
Interrupt Enable
Direction Control
Reserved
Reserved
Data Strobe Control
Automatic Line Feed Control
Parallel Port Input Control
Bits 7-5 of ECR = 000 or 001
Bits 7-5 of ECR = 011
Reserved
EPP Time-Out Status
Address Bits
Data Bits
76543210
Reset
Required
0
0
0
0
0
0
0
0
Parallel Port FIFO
Register (CFIFO)
Offset 400h
Reset
Required
ECP Data FIFO
Register (DFIFO)
Offset 400h
76543210
Reset
Required
0
0
0
0
0
0
0
0
Test FIFO
Register (TFIFO)
Offset 400h
Bits 7-5 of ECR = 010
Bits 7-5 of ECR = 011
Bits 7-5 of ECR = 110
76543210
Reset
Required
0
0
1
0
1
0
0
0
0
0
1
1
0
0
0
Configuration Register A
(CNFGA)
Offset 400h
Always 0
Always 0
Always 0
Bit 7 of PP Confg0
Bits 7-5 of ECR = 111
76543210
0
0
0
0
0
0
0
0
Data Bits
Always 0
Always 0
Always 1
Always 1
D2
D4
D5
D6
D7
D0
D1
D3
Data Bits
D2
D4
D5
D6
D7
D0
D1
D3
Data Bits
D2
D4
D5
D6
D7
D0
D1
D3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com