Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC97307 Datasheet(PDF) 168 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 168 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 164Page - National Semiconductor (TI) PC97307 Datasheet HTML 165Page - National Semiconductor (TI) PC97307 Datasheet HTML 166Page - National Semiconductor (TI) PC97307 Datasheet HTML 167Page - National Semiconductor (TI) PC97307 Datasheet HTML 168Page - National Semiconductor (TI) PC97307 Datasheet HTML 169Page - National Semiconductor (TI) PC97307 Datasheet HTML 170Page - National Semiconductor (TI) PC97307 Datasheet HTML 171Page - National Semiconductor (TI) PC97307 Datasheet HTML 172Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 218 page
background image
168
UART1 and UART2 (with IR) (Logical Devices 5 and 6)
www.national.com
76543210
Reset
Required
0
0
0
0
0
0
0
0
0
0
Current Level
Register (TXFLV)
Bank 2,
TX_FIFO
TFL2
TFL4
TFL5
Reserved
Reserved
TFL0
TFL1
TFL3
IrDA or Consumer-IR Modes
Offset 06h
76543210
Reset
Required
0
0
0
0
0
0
0
0
0
0
Current Level
Register (RXFLV)
Bank 2,
RX_FIFO
RFL2
RFL4
Reserved
Reserved
RFL0
RFL1
RFL3
IrDA or Consumer-IR Modes
RFL5
Offset 07h
76543210
Reset
Required
x
x
x
x
0
1
0
0
Module Revision ID
Bank 3
Offset 00h
(MRID)
Register
Revision ID(RID 3-0)
Module ID(MID 7-4)
76543210
Reset
Required
0
0
0
0
0
0
0
0
Link Control Register
(SH_LCR)
Bank 3,
Shadow of
STB
EPS
STKP
SBRK
BKSE
WLS0
WLS1
PEN
Offset 01h
76543210
Reset
Required
0
0
0
0
0
0
0
0
0
FIFO Control Register
(SH_FCR)
Bank 3,
Shadow of
TXFR
TXFTH0
TXFHT1
RXFTH0
RXFTH1
FIFO_EN
RXFR
Reserved
Offset 02h
76543210
Reset
Required
0
0
0
0
0
0
0
0
0
0
0
0
(IRCR1)
Bank 4,
Infrared Control Register1
IR_SL0
Reserved
Reserved
IR_SL1
Offset 02h
Reserved
76543210
Reset
Required
0
1
0
0
0
0
0
0
0
Register 2
(IRCR2)
Bank 5,
AUX_IRRX
IR_FDPLX
IRMSSL
Infrared Control
Offset 04h
Reserved
Reserved
Reserved
76543210
Reset
Required
0
0
0
0
0
1
0
0
0
0
Register 3
(IRCR3)
Bank 6,
Infrared Control
SHMD_DS
SHDM_DS
Offset 00h
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com