Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGIPS15C60-H Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGIPS15C60-H
Description  Short-circuit rugged IGBTs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPS15C60-H Datasheet(HTML) 1 Page - STMicroelectronics

  STGIPS15C60-H Datasheet HTML 1Page - STMicroelectronics STGIPS15C60-H Datasheet HTML 2Page - STMicroelectronics STGIPS15C60-H Datasheet HTML 3Page - STMicroelectronics STGIPS15C60-H Datasheet HTML 4Page - STMicroelectronics STGIPS15C60-H Datasheet HTML 5Page - STMicroelectronics STGIPS15C60-H Datasheet HTML 6Page - STMicroelectronics STGIPS15C60-H Datasheet HTML 7Page - STMicroelectronics STGIPS15C60-H Datasheet HTML 8Page - STMicroelectronics STGIPS15C60-H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
This is information on a product in full production.
April 2015
DocID025058 Rev 3
1/20
STGIPS15C60-H
SLLIMM™ small low-loss intelligent molded module
IPM, 3-phase inverter - 15 A, 600 V short-circuit rugged IGBT
Datasheet
- production data
Features
• IPM 15 A, 600 V 3-phase IGBT inverter bridge
including control ICs for gate driving and free-
wheeling diodes
• Short-circuit rugged IGBTs
• 3.3 V, 5 V, 15 V CMOS/TTL inputs
comparators with hysteresis and pull-down /
pull-up resistors
• Undervoltage lockout
• Internal bootstrap diode
• Interlocking function
• Smart shutdown function
• Comparator for fault protection against over
temperature and overcurrent
• DBC leading to low thermal resistance
• Isolation rating of 2500 Vrms/min
• UL recognized: UL1557 file E81734
Applications
• 3-phase inverters for motor drives
• Home appliance, air conditioners
Description
This intelligent power module provides a
compact, high performance AC motor drive in a
simple, rugged design. Combining ST proprietary
control ICs with the most advanced short-circuit-
rugged IGBT system technology, this device is
ideal for 3-phase inverters in applications such as
motor drives and air conditioners. SLLIMM™ is a
trademark of STMicroelectronics.
SDIP-25L
Table 1. Device summary
Order code
Marking
Package
Packing
STGIPS15C60-H
GIPS15C60-H
SDIP-25L
Tube
www.st.com


Similar Part No. - STGIPS15C60-H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIPS15C60 STMICROELECTRONICS-STGIPS15C60 Datasheet
611Kb / 20P
3-phase inverters for motor drives
09-Apr-2015
STGIPS15C60T-H STMICROELECTRONICS-STGIPS15C60T-H Datasheet
640Kb / 19P
3-phase inverters for motor drives
09-Apr-2015
More results

Similar Description - STGIPS15C60-H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIF7CH60TS-L STMICROELECTRONICS-STGIF7CH60TS-L Datasheet
491Kb / 25P
SLLIMM™- 2nd series IPM, 3-phase inverter, 10 A, 600 V short-circuit rugged IGBTs
22-Dec-2015
STEVAL-IHM003V1 STMICROELECTRONICS-STEVAL-IHM003V1 Datasheet
116Kb / 4P
Inverter stage IGBT short circuit rugged based
19-Jul-2007
STGIPS10K60A2 STMICROELECTRONICS-STGIPS10K60A2 Datasheet
535Kb / 18P
Short-circuit rugged IGBT
14-Apr-2015
STGIPS10K60T-H STMICROELECTRONICS-STGIPS10K60T-H Datasheet
688Kb / 19P
Short-circuit rugged IGBTs
14-Apr-2015
STGIPS35K60L1 STMICROELECTRONICS-STGIPS35K60L1 Datasheet
623Kb / 21P
Short-circuit rugged IGBTs
28-Aug-2012
STGIPQ8C60T-HZ STMICROELECTRONICS-STGIPQ8C60T-HZ Datasheet
697Kb / 25P
SLLIMM™nano - 2nd series IPM, 3-phase inverter, 8 A, 600 V short-circuit rugged IGBTs
16-Dec-2016
STGIPQ5C60T-HL STMICROELECTRONICS-STGIPQ5C60T-HL Datasheet
1Mb / 26P
SLLIMM™ nano - 2 nd series IPM, 3-phase inverter, 5 A, 600 V short-circuit rugged IGBTs
March 2017 Rev 7
STGIPQ5C60T-HLS STMICROELECTRONICS-STGIPQ5C60T-HLS Datasheet
1Mb / 27P
SLLIMM™ nano - 2nd series IPM, 3-phase inverter, 5 A, 600 V, short‑circuit rugged IGBTs
March 2019 Rev 5
STGIB30CH60TS-E STMICROELECTRONICS-STGIB30CH60TS-E Datasheet
572Kb / 22P
SLLIMM™ - 2nd series IPM, 3-phase inverter, 30 A, 600 V short-circuit rugged IGBTs
27-Aug-2014
STGIB30CH60TS-L STMICROELECTRONICS-STGIB30CH60TS-L Datasheet
587Kb / 22P
SLLIMM™ - 2nd series IPM, 3-phase inverter, 30 A, 600 V short-circuit rugged IGBTs
27-Aug-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com