Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGIPS15C60-H Datasheet(PDF) 4 Page - STMicroelectronics

Part # STGIPS15C60-H
Description  Short-circuit rugged IGBTs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPS15C60-H Datasheet(HTML) 4 Page - STMicroelectronics

  STGIPS15C60-H Datasheet HTML 1Page - STMicroelectronics STGIPS15C60-H Datasheet HTML 2Page - STMicroelectronics STGIPS15C60-H Datasheet HTML 3Page - STMicroelectronics STGIPS15C60-H Datasheet HTML 4Page - STMicroelectronics STGIPS15C60-H Datasheet HTML 5Page - STMicroelectronics STGIPS15C60-H Datasheet HTML 6Page - STMicroelectronics STGIPS15C60-H Datasheet HTML 7Page - STMicroelectronics STGIPS15C60-H Datasheet HTML 8Page - STMicroelectronics STGIPS15C60-H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Internal block diagram and pin configuration
STGIPS15C60-H
4/20
DocID025058 Rev 3
Figure 2. Pin layout (bottom view)
Table 2. Pin description
Pin n°
Symbol
Description
1OUTU
High-side reference output for U phase
2VbootU
Bootstrap voltage for U phase
3LINU
Low-side logic input for U phase
4HINU
High-side logic input for U phase
5VCC
Low voltage power supply
6OUTV
High-side reference output for V phase
7Vboot V
Bootstrap voltage for V phase
8
GND
Ground
9LINV
Low-side logic input for V phase
10
HINV
High-side logic input for V phase
11
OUTW
High-side reference output for W phase
12
Vboot W
Bootstrap voltage for W phase
13
LINW
Low-side logic input for W phase
14
HINW
High-side logic input for W phase
15
SD / OD
Shutdown logic input (active low) / open-drain (comparator output)
16
CIN
Comparator input
17
NW
Negative DC input for W phase
18
W
W phase output
19
P
Positive DC input
20
NV
Negative DC input for V phase
21
V
V phase output
22
P
Positive DC input
23
NU
Negative DC input for U phase
24
U
U phase output
25
P
Positive DC input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com