Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STIPN1M50T-H Datasheet(PDF) 11 Page - STMicroelectronics

Part # STIPN1M50T-H
Description  3-phase inverters for small power motor drives
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIPN1M50T-H Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STIPN1M50T-H Datasheet HTML 7Page - STMicroelectronics STIPN1M50T-H Datasheet HTML 8Page - STMicroelectronics STIPN1M50T-H Datasheet HTML 9Page - STMicroelectronics STIPN1M50T-H Datasheet HTML 10Page - STMicroelectronics STIPN1M50T-H Datasheet HTML 11Page - STMicroelectronics STIPN1M50T-H Datasheet HTML 12Page - STMicroelectronics STIPN1M50T-H Datasheet HTML 13Page - STMicroelectronics STIPN1M50T-H Datasheet HTML 14Page - STMicroelectronics STIPN1M50T-H Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
STIPN1M50T-H
Electrical characteristics
DocID028911 Rev 4
11/24
Table 13: Sense comparator characteristics (VCC = 15 V unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Iib
Input bias current
VCIN = 1 V
3
µA
Vod
Open-drain low level output
voltage
Iod = 3 mA
0.5
V
RON_OD
Open-drain low level output
resistance
Iod = 3 mA
166
Ω
RPD_SD
SD
̅̅̅̅ pull-down resistor (1)
125
kΩ
td_comp
Comparator delay
T/
SD
̅̅̅̅/OD pulled to 5 V
through 100 kΩ resistor
90
130
ns
SR
Slew rate
CL = 180 pF; Rpu
= 5 kΩ
60
V/µs
tsd
Shutdown to high / low-side
driver propagation delay
VOUT = 0, Vboot = VCC,
VIN = 0 to 3.3 V
50
125
200
ns
tisd
Comparator triggering to high /
low-side driver turn-off
propagation delay
Measured applying a
voltage step from 0 V to
3.3 V to pin CIN
50
200
250
Notes:
(1)Equivalent values as a result of the resistances of three drivers in parallel.
Table 14: Truth table
Condition
Logic input (VI)
Output
T/
��������
̅̅̅̅/OD
LIN
HIN
LVG
HVG
Shutdown enable half-bridge tri-state
L
X(1)
X(1)
L
L
Interlocking half-bridge tri-state
H
H
H
L
L
0 “logic state” half-bridge tri-state
H
L
L
L
L
1 “logic state” low-side direct driving
H
H
L
H
L
1 “logic state” high-side direct driving
H
L
H
L
H
Notes:
(1)X: don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com