Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STIPN1M50T-H Datasheet(PDF) 18 Page - STMicroelectronics

Part # STIPN1M50T-H
Description  3-phase inverters for small power motor drives
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIPN1M50T-H Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STIPN1M50T-H Datasheet HTML 14Page - STMicroelectronics STIPN1M50T-H Datasheet HTML 15Page - STMicroelectronics STIPN1M50T-H Datasheet HTML 16Page - STMicroelectronics STIPN1M50T-H Datasheet HTML 17Page - STMicroelectronics STIPN1M50T-H Datasheet HTML 18Page - STMicroelectronics STIPN1M50T-H Datasheet HTML 19Page - STMicroelectronics STIPN1M50T-H Datasheet HTML 20Page - STMicroelectronics STIPN1M50T-H Datasheet HTML 21Page - STMicroelectronics STIPN1M50T-H Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Application circuit example
STIPN1M50T-H
18/24
DocID028911 Rev 4
5.1
Guidelines
Input signals HIN, LIN are act
ive high logic. A 375 kΩ (typ.) pull-down resistor is built-
in for each input. To prevent the input signal oscillation, the wiring of each input should
be as short as possible and the use of RC filters (R1, C1) on each input signal is
suggested. The filters should be with a time constant of about 100 ns and placed as
close as possible to the IPM input pins.
The use of a bypass capacitor CVCC (aluminum or tantalum) can help to reduce the
transient circuit demand on the power supply. Besides, to reduce high frequency
switching noise distributed on the power lines, a decoupling capacitor C2 (100 to 220
nF, with low ESR and low ESL) should be placed as close as possible to Vcc pin and in
parallel with the bypass capacitor.
The use of RC filter (RSF, CSF) is recommended to avoid protection circuit
malfunction. The time constant (RSF x CSF) should be set to 1 μs and the filter must
be placed as close as possible to CIN pin.
The
SD
̅̅̅̅ is an input/output pin (open-drain type if it is used as output). The CSD
capacitor of the filter on
SD
̅̅̅̅ should be fixed no higher than 3.3 nF in order to ensure
the
SD
̅̅̅̅ activation time Ƭ
1
≤ 500 ns; the filter should be placed as close as possible to
the
SD
̅̅̅̅ pin.
The decoupling capacitor C3 (from 100 to 220 nF, ceramic with low ESR and low
ESL), in parallel with each Cboot, filters the high frequency disturbance. Both Cboot and
C3 (if present) should be placed as close as possible to the U, V, W and Vboot pins.
Bootstrap negative electrodes should be connected to U, V, W terminals directly and
separated from the main output wires.
To prevent the overvoltage on Vcc pin, a Zener diode (Dz1) can be used. Similarly on
the Vboot pin, a Zener diode (Dz2) can be placed in parallel with each Cboot.
The use of the decoupling capacitor C4 (100 to 220 nF, with low ESR and low ESL), in
parallel with the electrolytic capacitor Cvdc,prevents surge destruction. Both capacitors
C4 and Cvdc should be placed as close as possible to the IPM (C4 has priority over
Cvdc).
By integrating an application-specific type HVIC inside the module, direct coupling to
the MCU terminals without an optocoupler is possible.
Low inductance shunt resistors should be used for phase leg current sensing.
In order to avoid malfunctions, the wiring on N pins, the shunt resistor and PWR_GND
should be as short as possible.
The connection of SGN_GND to PWR_GND on one point only (close to the shunt
resistor terminal) can help to reduce the impact of power ground fluctuation.
These guidelines are useful for application designs to ensure the specifications of the
device. For further details, please refer to the relevant application note.
Table 15: Recommended operating conditions
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VPN
Supply voltage
Applied among P-Nu, Nv,
Nw
300
400
V
VCC
Control supply voltage
Applied to VCC-GND
13.5
15
18
V
VBS
High-side bias voltage
Applied to VBOOTi-OUTi
for i = U, V, W
13
18
V
tdead
Blanking time to prevent arm-
short
For each input signal
1
µs
fPWM
PWM input signal
-40 °C < Tc < 100 °C
-40 °C < Tj < 125 °C
25
kHz
TC
Case operation temperature
100
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com