Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL7N80K5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL7N80K5
Description  Ultra low gate charge
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL7N80K5 Datasheet(HTML) 1 Page - STMicroelectronics

  STL7N80K5 Datasheet HTML 1Page - STMicroelectronics STL7N80K5 Datasheet HTML 2Page - STMicroelectronics STL7N80K5 Datasheet HTML 3Page - STMicroelectronics STL7N80K5 Datasheet HTML 4Page - STMicroelectronics STL7N80K5 Datasheet HTML 5Page - STMicroelectronics STL7N80K5 Datasheet HTML 6Page - STMicroelectronics STL7N80K5 Datasheet HTML 7Page - STMicroelectronics STL7N80K5 Datasheet HTML 8Page - STMicroelectronics STL7N80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
This is information on a product in full production.
November 2013
DocID025551 Rev 1
1/17
STL7N80K5
N-channel 800 V, 0.95
Ω typ., 3.6 A Zener-protected SuperMESH™ 5
Power MOSFET in a PowerFLAT™ 5x6 VHV package
Datasheet
− production data
Figure 1. Internal schematic diagram
Features
• Outstanding RDS(on)*area
• Worldwide best FOM (figure of merit)
• Ultra low gate charge
• 100% avalanche tested
• Zener protected
Applications
• Switching applications
Description
This N-channel Zener-protected Power MOSFET
is designed using ST's revolutionary avalanche-
rugged very high voltage SuperMESH™ 5
technology, based on an innovative proprietary
vertical structure. The result is a dramatic
reduction in on-resistance, and ultra-low gate
charge for applications which require superior
power density and high efficiency.
AM15540v1
5
6
7
8
12
3
4
Top View
D(5, 6, 7, 8)
G(4)
S(1, 2, 3)
PowerFLAT™ 5x6 VHV
1
2
3
4
Order code
VDS
RDS(on)max.
ID
STL7N80K5
800 V
1.2
Ω
3.6 A
Table 1. Device summary
Order code
Marking
Package
Packaging
STL7N80K5
7N80K5
PowerFLAT™ 5x6 VHV
Tape and reel
www.st.com


Similar Part No. - STL7N80K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL7N10F7 STMICROELECTRONICS-STL7N10F7 Datasheet
875Kb / 14P
N-channel 100 V, 0.027 Ω typ., 7 A STripFET™ VII DeepGATE™ Power MOSFET in a PowerFLAT™ 3.3x3.3 package
29-Apr-2014
STL7N60M2 STMICROELECTRONICS-STL7N60M2 Datasheet
310Kb / 13P
Extremely low gate charge
26-Jan-2015
STL7N6F7 STMICROELECTRONICS-STL7N6F7 Datasheet
875Kb / 11P
N-channel 60 V, 0.021 (ohm) typ., 7 A STripFET F7 Power MOSFET in a PowerFLAT 2x2 package
27-Aug-2015
STL7N6LF3 STMICROELECTRONICS-STL7N6LF3 Datasheet
969Kb / 15P
Switching applications
13-Feb-2017
STL7NM60N STMICROELECTRONICS-STL7NM60N Datasheet
786Kb / 13P
Low input capacitance and gate charge, Low gate input resistance
10-Nov-2011
More results

Similar Description - STL7N80K5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD06N60C3 INFINEON-SPD06N60C3_14 Datasheet
401Kb / 11P
Ultra low gate charge
logo
STMicroelectronics
STP7LN80K5 STMICROELECTRONICS-STP7LN80K5 Datasheet
719Kb / 13P
Ultra-low gate charge
08-Jan-2016
STF9N80K5 STMICROELECTRONICS-STF9N80K5 Datasheet
762Kb / 16P
Ultra-low gate charge
11-Nov-2015
STD5N95K5 STMICROELECTRONICS-STD5N95K5 Datasheet
1Mb / 26P
Ultra-low gate charge
04-Jan-2017
STD6N90K5 STMICROELECTRONICS-STD6N90K5 Datasheet
825Kb / 16P
Ultra-low gate charge
November 2016 Rev 1
STD7N90K5 STMICROELECTRONICS-STD7N90K5 Datasheet
817Kb / 16P
Ultra-low gate charge
October 2016 Rev 1
STF6N80K5 STMICROELECTRONICS-STF6N80K5 Datasheet
831Kb / 15P
Ultra low gate charge
06-Sep-2016
STF7N80K5 STMICROELECTRONICS-STF7N80K5 Datasheet
689Kb / 14P
Ultra low gate charge
11-Oct-2013
STF15N95K5 STMICROELECTRONICS-STF15N95K5 Datasheet
1Mb / 18P
Ultra low gate charge
07-Feb-2014
STL2N80K5 STMICROELECTRONICS-STL2N80K5 Datasheet
1Mb / 17P
Ultra low gate charge
24-Jul-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com