Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87332 Datasheet(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87332
Description  PC87332VLJ (3.3V/5V) and PC87332VLJ-5 (5V) (SuperI/OTM III Premium Green) Floppy Disk Controller, Dual UARTs, IEEE1284 Parallel Port, and IDE Interfac
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87332 Datasheet(HTML) 34 Page - National Semiconductor (TI)

Back Button PC87332 Datasheet HTML 30Page - National Semiconductor (TI) PC87332 Datasheet HTML 31Page - National Semiconductor (TI) PC87332 Datasheet HTML 32Page - National Semiconductor (TI) PC87332 Datasheet HTML 33Page - National Semiconductor (TI) PC87332 Datasheet HTML 34Page - National Semiconductor (TI) PC87332 Datasheet HTML 35Page - National Semiconductor (TI) PC87332 Datasheet HTML 36Page - National Semiconductor (TI) PC87332 Datasheet HTML 37Page - National Semiconductor (TI) PC87332 Datasheet HTML 38Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 98 page
background image
30 FDC Register Description (Continued)
D2
Scan Not Satisfied
Controller cannot find a sector
on the track which meets the desired condition dur-
ing any Scan command
D1
Bad Track
Only set if the desired sector is not
found the track number recorded on any sector on
the track is FFh indicating a hard error in IBM
for-
mat and is different from the track address speci-
fied in the Command Phase
D0
Missing Address Mark in Data Field
Controller
cannot find the Data Field Address Mark (AM) dur-
ing a Read Scan or Verify command Bit 0 of ST1
is also set
324 Status Register 3 (ST3)
D7
D6
D5
D4
D3
D2
D1
D0
DESC
0
WP
1
TK0
1
HDS
DS1
DS0
RESET
0
0
101
0
0
0
COND
D7
Not Used Always 0
D6
Write Protect
Indicates active high status of the
WP pin
D5
Not Used Always 1
D4
Track 0
Indicates active high status of the TRK0
pin
D3
Not Used Always 1
D2
Head Select
Indicates the active high status of the
HD bit in the Command Phase
D1 – 0
Drive Select 10
These two binary encoded bits
indicate the DS1 – 0 bits in the Command Phase
40 FDC Command Set Description
This section presents the FDC command setfull descrip-
tion in Section 41 and a working summary in Section 42
Each command contains a unique first command byte the
opcode byte which tells the controller how many (0 or
more) command bytes to expect The information for each
command is displayed using the structure shown in
Figure
4-1
If an invalid command byte is issued to the controller it
immediately enters the Result Phase and the status is 80h
signifying an Invalid Command
IO Operation
Opcode
Command Byte 1
Command Byte 2
Command Byte n
FIGURE 4-1 FDC Command Structure
41 COMMAND DESCRIPTIONS
411 Configure Command
The Configure Command controls some operation modes of
the controller It should be issued during the initialization of
the FDC after power-up These bits are set to their default
values after a hardware reset The value of each bit after a
software reset is explained The default value of each bit is
denoted by a ‘‘bullet’’ to the left of each item
Command Phase
0
0
0
1
0011
0
0
0
0
0000
0
EIS
FIFO
POLL
THRESH
PRETRK
Execution Phase
Internal registers written
Result Phase
None
EIS
Enable Implied Seeks Default after a software reset
0 e Implied seeks disabled through Configure com-
mand Implied seeks can still be enabled through
the Mode command when EIS e 0
1 e
Implied seeks enabled for a read write scan or
verify operation A seek and sense interrupt oper-
ation is performed prior to the execution of the
read write scan or verify operation The IPS bit
does not need to be set
FIFO
Enable FIFO for Execution Phase data transfers De-
fault after a software reset if the LOCK bit is 0 If the
LOCK bit is 1 then the FIFO bit retains its previous
value after a software reset
0 e
FIFO enabled for both reads and writes
1 e FIFO disabled
POLL
Disable for Drive Polling Mode Default after a soft-
ware reset
0 e Enable drive polling mode An interrupt is gener-
ated after a reset
1 e
Disable drive polling mode If the Configure
command is issued within 500 ms of a hardware
or software reset then an interrupt is not gener-
ated In addition the use of the four Sense In-
terrupt commands to clear the ‘‘Ready Changed
State’’ of the four logical drives is not required
THRESH
The FIFO threshold in the Execution Phase of
read and write data transfers
Programmable
from 00h to 0Fh Defaults to 00h after a software
reset if the LOCK bit is 0 If the LOCK bit is 1
THRESH retains its value
A high value of
THRESH is suited for slow response systems
and a low value of THRESH is better for fast re-
sponse systems
PRETRK
Starting track number for write precompensation
Programmable from track 0 (‘‘00’’) to track 255
(‘‘FF’’) Defaults to track 0 (‘‘00’’) after a software
reset if the LOCK bit is 0 If the LOCK bit is 1
then PRETRK retains its value
412 Dumpreg Command
The Dumpreg command is designed to support system run-
time diagnostics application software development and de-
bug This command has a one-byte command phase and a
10-byte result phase The Result Phase returns the values
of parameters set in other commands That is the PTR
(Present Track Register) contains the least significant byte
of the track the microcode has stored for each drive The
Step Rate Time Motor Off and Motor On Times and the
DMA bit are all set in the Specify command
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com