Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87332 Datasheet(PDF) 54 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87332
Description  PC87332VLJ (3.3V/5V) and PC87332VLJ-5 (5V) (SuperI/OTM III Premium Green) Floppy Disk Controller, Dual UARTs, IEEE1284 Parallel Port, and IDE Interfac
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87332 Datasheet(HTML) 54 Page - National Semiconductor (TI)

Back Button PC87332 Datasheet HTML 50Page - National Semiconductor (TI) PC87332 Datasheet HTML 51Page - National Semiconductor (TI) PC87332 Datasheet HTML 52Page - National Semiconductor (TI) PC87332 Datasheet HTML 53Page - National Semiconductor (TI) PC87332 Datasheet HTML 54Page - National Semiconductor (TI) PC87332 Datasheet HTML 55Page - National Semiconductor (TI) PC87332 Datasheet HTML 56Page - National Semiconductor (TI) PC87332 Datasheet HTML 57Page - National Semiconductor (TI) PC87332 Datasheet HTML 58Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 98 page
background image
40 FDC Command Set Description (Continued)
RELATIVE SEEK
Command Phase
1
DIR
0
0
1
1
1
1
X
X
X
X
X
HD
DR1
DR0
Execution Phase
Disk drive head stepped in or out a pro-
grammable number of tracks
Result Phase
None
SCAN EQUAL
Command Phase
MT
MFM
SK
1
0
0
0
1
IPS
X
X
X
X
HD
DR1
DR0
Track Number
Drive Head Number
Sector Number
Bytes per Sector
End of Track Sector Number
Intersector Gap Length
Sector Step Size
Execution Phase
Data transferred from system to control-
ler is compared to data read from disk
Result Phase
MT
MFM
SK
1
1
1
0
1
IPS
X
X
X
X
HD
DR1
DR0
Status Register 0
Status Register 1
Status Register 2
Track Number
Head Number
Sector Number
Bytes per Sector
SCAN HIGH OR EQUAL
Command Phase
MT
MFM
SK
1
1
1
0
1
IPS
X
X
X
X
HD
DR1
DR0
Track Number
Drive Head Number
Sector Number
Bytes per Sector
End of Track Sector Number
Intersector Gap Length
Sector Step Size
Execution Phase
Data transferred from system to control-
ler is compared to data read from disk
Result Phase
Status Register 0
Status Register 1
Status Register 2
Track Number
Head Number
Sector Number
Bytes per Sector
SCAN LOW OR EQUAL
Command Phase
MT
MFM
SK
1
1
0
0
1
IPS
X
X
X
X
HD
DR1
DR0
Track Number
Drive Head Number
Sector Number
Bytes per Sector
End of Track Sector Number
Intersector Gap Length
Sector Step Size
Execution Phase
Data transferred from system to control-
ler is compared to data read from disk
Result Phase
Status Register 0
Status Register 1
Status Register 2
Track Number
Head Number
Sector Number
Bytes per Sector
SEEK
Command Phase
00001111
XXXXX
HD
DR1
DR0
New Track Number
MSN of Track Number
0000
Note
The last Command Phase byte is required only if ETR is set in Mode
Command
Execution Phase
Disk drive head is stepped in or out to a
programmed track
Result Phase
None
54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com