Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO8200BQTR Datasheet(PDF) 18 Page - STMicroelectronics

Part # ISO8200BQTR
Description  Galvanic isolated octal high-side smart power solid state-relay
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO8200BQTR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ISO8200BQTR Datasheet HTML 14Page - STMicroelectronics ISO8200BQTR Datasheet HTML 15Page - STMicroelectronics ISO8200BQTR Datasheet HTML 16Page - STMicroelectronics ISO8200BQTR Datasheet HTML 17Page - STMicroelectronics ISO8200BQTR Datasheet HTML 18Page - STMicroelectronics ISO8200BQTR Datasheet HTML 19Page - STMicroelectronics ISO8200BQTR Datasheet HTML 20Page - STMicroelectronics ISO8200BQTR Datasheet HTML 21Page - STMicroelectronics ISO8200BQTR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
Functional description
ISO8200BQ
18/37
DocID027303 Rev 4
6.2
Direct control mode (DCM)
When SYNC
and LOAD
inputs are driven by the same signal, the device operates in
direct control mode (DCM).
In DCM the SYNC / LOAD
signal operates as an active low input enable:
when the signal is high, the current output configuration is kept regardless the input
values
when the signal is low, each channel input directly drives the respective output
This operation mode can also be set shorting both signals to the digital ground; in this case
the channel outputs are always directly driven by the inputs except when OUT_EN is low
(outputs disabled).
Table 13: Interface signal operation in direct control mode
SYNC / LOAD
OUT_EN
Device behavior
Don’t care
Low (1)
The outputs are disabled (turned off)
High
High
The outputs are left unchanged
Low
High
The channel inputs drive the outputs
Notes:
(1)The outputs are turned off on OUT_EN falling edge and they are kept disabled as long as it is low.
Figure 9: Direct control mode IC configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com