Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO8200BQTR Datasheet(PDF) 21 Page - STMicroelectronics

Part # ISO8200BQTR
Description  Galvanic isolated octal high-side smart power solid state-relay
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO8200BQTR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ISO8200BQTR Datasheet HTML 17Page - STMicroelectronics ISO8200BQTR Datasheet HTML 18Page - STMicroelectronics ISO8200BQTR Datasheet HTML 19Page - STMicroelectronics ISO8200BQTR Datasheet HTML 20Page - STMicroelectronics ISO8200BQTR Datasheet HTML 21Page - STMicroelectronics ISO8200BQTR Datasheet HTML 22Page - STMicroelectronics ISO8200BQTR Datasheet HTML 23Page - STMicroelectronics ISO8200BQTR Datasheet HTML 24Page - STMicroelectronics ISO8200BQTR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
ISO8200BQ
Functional description
DocID027303 Rev 4
21/37
Figure 12: Synchronous control mode time diagram
Figure 13: Multiple device synchronous control mode
6.4
Fault indication
The FAULT
pin is an active low open-drain output indicating fault conditions. This pin is
active when at least one of the following conditions occurs:
Junction overtemperature of one or more channels (TJ >TTJSD)
Communication error
The communication error is intended as an internal data corruption event in the data
transfer through isolation. In case of communication error the outputs are initially kept in the
previous status and then reset (turned off) at the first communication error during data
transfer of the refresh signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com