Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGF3HF60HD Datasheet(PDF) 18 Page - STMicroelectronics

Part # STGF3HF60HD
Description  4.5 A, 600 V very fast IGBT with Ultrafast diode
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF3HF60HD Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STGF3HF60HD Datasheet HTML 14Page - STMicroelectronics STGF3HF60HD Datasheet HTML 15Page - STMicroelectronics STGF3HF60HD Datasheet HTML 16Page - STMicroelectronics STGF3HF60HD Datasheet HTML 17Page - STMicroelectronics STGF3HF60HD Datasheet HTML 18Page - STMicroelectronics STGF3HF60HD Datasheet HTML 19Page - STMicroelectronics STGF3HF60HD Datasheet HTML 20Page - STMicroelectronics STGF3HF60HD Datasheet HTML 21Page - STMicroelectronics STGF3HF60HD Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Package information
STGB3HF60HD, STGD3HF60HDT4,
STGF3HF60HD, STGP3HF60HD
18/26
DocID17690 Rev 5
Figure 26: DPAK (TO-252) recommended footprint (dimensions are in mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com