Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGF3HF60HD Datasheet(PDF) 4 Page - STMicroelectronics

Part # STGF3HF60HD
Description  4.5 A, 600 V very fast IGBT with Ultrafast diode
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF3HF60HD Datasheet(HTML) 4 Page - STMicroelectronics

  STGF3HF60HD Datasheet HTML 1Page - STMicroelectronics STGF3HF60HD Datasheet HTML 2Page - STMicroelectronics STGF3HF60HD Datasheet HTML 3Page - STMicroelectronics STGF3HF60HD Datasheet HTML 4Page - STMicroelectronics STGF3HF60HD Datasheet HTML 5Page - STMicroelectronics STGF3HF60HD Datasheet HTML 6Page - STMicroelectronics STGF3HF60HD Datasheet HTML 7Page - STMicroelectronics STGF3HF60HD Datasheet HTML 8Page - STMicroelectronics STGF3HF60HD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Electrical characteristics
STGB3HF60HD, STGD3HF60HDT4,
STGF3HF60HD, STGP3HF60HD
4/26
DocID17690 Rev 5
2
Electrical characteristics
(Tj=25 °C unless otherwise specified).
Table 4: Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)CES
Collector-emitter breakdown
voltage (VGE = 0)
IC = 1 mA
600
V
VCE(sat)
Collector-emitter saturation
voltage
VGE = 15 V, IC = 0.5 A,
Tj = 125 °C
1.4
V
VGE = 15 V, IC = 1.5 A
2.45
2.95
VGE = 15 V, IC = 1.5 A,
Tj = 125 °C
1.85
VGE(th)
Gate threshold voltage
VCE = VGE, IC = 250 µA
3.75
5.75
V
ICES
Collector cut-off current
(VGE = 0)
VCE = 600 V
250
µA
VCE = 600 V,
Tj = 125 °C
1
mA
IGES
Gate-emitter leakage current
(VCE = 0)
VGE = ± 20 V
± 100
nA
gfs
Forward transconductance
VCE = 15 V, IC = 1.5 A
1.5
S
Table 5: Dynamic electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Cies
Input capacitance
VCE = 25 V, f = 1 MHz,
VGE = 0
-
152
-
pF
Coes
Output capacitance
-
14
-
pF
Cres
Reverse transfer capacitance
-
3
-
pF
Qg
Total gate charge
VCE = 480 V,
IC = 1.5 A, VGE = 15 V
(see Figure 18: " Gate
charge test circuit")
-
12
-
nC
Qge
Gate-emitter charge
-
2
-
nC
Qgc
Gate-collector charge
-
6
-
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com