Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGD10NC60S Datasheet(PDF) 14 Page - STMicroelectronics

Part # STGD10NC60S
Description  10 A, 600 V fast IGBT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD10NC60S Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STGD10NC60S Datasheet HTML 10Page - STMicroelectronics STGD10NC60S Datasheet HTML 11Page - STMicroelectronics STGD10NC60S Datasheet HTML 12Page - STMicroelectronics STGD10NC60S Datasheet HTML 13Page - STMicroelectronics STGD10NC60S Datasheet HTML 14Page - STMicroelectronics STGD10NC60S Datasheet HTML 15Page - STMicroelectronics STGD10NC60S Datasheet HTML 16Page - STMicroelectronics STGD10NC60S Datasheet HTML 17Page - STMicroelectronics STGD10NC60S Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Packaging mechanical data
STGD10NC60S, STGP10NC60S
14/18
Doc ID 15931 Rev 2
5
Packaging mechanical data
Figure 20.
DPAK footprint(a)
Table 10.
DPAK (TO-252) tape and reel mechanical data
Tape
Reel
Dim.
mm
Dim.
mm
Min.
Max.
Min.
Max.
A0
6.8
7
A
330
B0
10.4
10.6
B
1.5
B1
12.1
C
12.8
13.2
D1.5
1.6D
20.2
D1
1.5
G
16.4
18.4
E
1.65
1.85
N
50
F
7.4
7.6
T
22.4
K0
2.55
2.75
P0
3.9
4.1
Base qty.
2500
P1
7.9
8.1
Bulk qty.
2500
P2
1.9
2.1
R40
T
0.25
0.35
W
15.7
16.3
a.
All dimension are in millimeters
6.7
1.6
1.6
2.3
2.3
6.7
1.8
3
AM08850v1
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com