Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1150-RTR1 Datasheet(PDF) 44 Page - Texas Instruments

Part # CC1150-RTR1
Description  Low Power Sub-1 GHz RF Transmitter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1150-RTR1 Datasheet(HTML) 44 Page - Texas Instruments

Back Button CC1150-RTR1 Datasheet HTML 40Page - Texas Instruments CC1150-RTR1 Datasheet HTML 41Page - Texas Instruments CC1150-RTR1 Datasheet HTML 42Page - Texas Instruments CC1150-RTR1 Datasheet HTML 43Page - Texas Instruments CC1150-RTR1 Datasheet HTML 44Page - Texas Instruments CC1150-RTR1 Datasheet HTML 45Page - Texas Instruments CC1150-RTR1 Datasheet HTML 46Page - Texas Instruments CC1150-RTR1 Datasheet HTML 47Page - Texas Instruments CC1150-RTR1 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 67 page
background image
CHANSPC _ E
xosc
channel
18
f
f
(256 CHANSPC _ M) 2
CHAN
2
D
=
´
+
´
´
[
]
xosc
carrier
16
f
f
FREQ 23 : 0
2
=
´
CC1150
SWRS037B – JANUARY 2006 – REVISED MARCH 2015
www.ti.com
Table 5-23. 0x0D: FREQ2 – Frequency Control Word, High Byte
BIT
FIELD
TYPE
RESET
DESCRIPTION
7:6
FREQ[23:22]
R
0x0
FREQ[23:22] is always 0 (the FREQ2 register
is less than 36 with 26 MHz or higher crystal
frequency).
5:0
FREQ[21:16]
R/W
0x1E
FREQ[23:0] is the base frequency for the
frequency synthesiser in increments of
FXOSC / 216.
(6)
Table 5-24. 0x0E: FREQ1 – Frequency Control Word, Middle Byte
BIT
FIELD
TYPE
RESET
DESCRIPTION
7:0
FREQ[15:8]
R/W
0xC4
Ref. FREQ2 register.
Table 5-25. 0x0F: FREQ0 – Frequency Control Word, Low Byte
BIT
FIELD
TYPE
RESET
DESCRIPTION
7:0
FREQ[7:0]
R/W
0xEC
Ref. FREQ2 register.
Table 5-26. 0x10: MDMCFG4 – Modulator Configuration
BIT
FIELD
TYPE
RESET
DESCRIPTION
7:4
Reserved
R0
0x08
Defined on the transceiver version (CC1101).
3:0
DRATE_E[3:0]
R/W
0x0C
The exponent of the user specified symbol
rate.
Table 5-27. 0x11: MDMCFG3 – Modulator Configuration
BIT
FIELD
TYPE
RESET
DESCRIPTION
7:0
DRATE_M[7:0]
R/W
0x22
The mantissa of the user specified symbol rate. The symbol rate is
configured using an unsigned, floating-point number with 9-bit
mantissa and 4-bit exponent. The 9th bit is a hidden ‘1’. The
resulting data rate is:
(7)
The default values give a data rate of 115.051 kBaud (closest
setting to 115.2 kBaud), assuming a 26.0 MHz crystal.
44
Detailed Description
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com