Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1150-RTR1 Datasheet(PDF) 15 Page - Texas Instruments

Part # CC1150-RTR1
Description  Low Power Sub-1 GHz RF Transmitter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1150-RTR1 Datasheet(HTML) 15 Page - Texas Instruments

Back Button CC1150-RTR1 Datasheet HTML 11Page - Texas Instruments CC1150-RTR1 Datasheet HTML 12Page - Texas Instruments CC1150-RTR1 Datasheet HTML 13Page - Texas Instruments CC1150-RTR1 Datasheet HTML 14Page - Texas Instruments CC1150-RTR1 Datasheet HTML 15Page - Texas Instruments CC1150-RTR1 Datasheet HTML 16Page - Texas Instruments CC1150-RTR1 Datasheet HTML 17Page - Texas Instruments CC1150-RTR1 Datasheet HTML 18Page - Texas Instruments CC1150-RTR1 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 67 page
background image
CC1150
www.ti.com
SWRS037B – JANUARY 2006 – REVISED MARCH 2015
The last four bits (3:0) in the status byte con-tains FIFO_BYTES_AVAILABLE. This field contains the
number of bytes free for writing into the TX FIFO. When FIFO_BYTES_AVAILABLE=15, 15 or more bytes
are free. Table 5-2 gives a status byte summary.
Table 5-2. Status Byte Summary
BITS
NAME
DESCRIPTION
Stays high until power and crystal have stabilized. Should always be low when using the
7
CHIP_RDYn
SPI interface.
Indicates the current main state machine mode.
The binary number is the value, the result is the state, and the definition is the current
main state machine mode.
000 = Idle : IDLE state(1)
001 = Not used : Not used
6:04
STATE[2:0]
010 = TX : Transmit mode
011 = FSTXON : Fast TX ready
100 = CALIBRATE : Frequency synthesizer calibration is running
101 = SETTLING : PLL is settling
110 = Not used : Not used
111 = TXFIFO_UNDERFLOW : TX FIFO has underflowed. Acknowledge with SFTX
3:00
FIFO_BYTES_AVAILABLE[3:0]
The number of free bytes in the TX FIFO.
(1)
Also reported for some transitional states instead of SETTLING or CALIBRATE, due to a small error.
5.5.2
Register Access
The configuration registers on the CC1150 are located on SPI addresses from 0x00 to 0x2E. Table 5-12
lists all configuration registers. The detailed description of each register is found in Section 5.20.
All configuration registers can be both written and read. The read/write bit controls if the register should be
written or read. When writing to registers, the status byte is sent on the SO pin each time a header byte or
data byte is transmitted on the SI pin. When reading from registers, the status byte is sent on the SO pin
each time a header byte is transmitted on the SI pin.
Registers with consecutive addresses can be accessed in an efficient way by setting the burst bit in the
address header. The address sets the start address in an internal address counter. This counter is
incremented by one each new byte (every 8 clock pulses). The burst access is either a read or a write
access and must be terminated by setting CSn high.
For register addresses in the range 0x30 through 0x3D, the burst bit is used to select between status
registers (burst bit is 1) and command strobes (burst bit is 0). See more in Section 5.5.3. Because of this,
burst access is not available for status registers, so they must be read one at a time. The status registers
can only be read.
5.5.3
SPI Read
When reading register fields over the SPI interface while the register fields are updated by the radio
hardware (for example, MARCSTATE or TXBYTES), there is a small, but finite, probability that a single
read from the register is being corrupt. As an example, the probability of any single read from TXBYTES
being corrupt, assuming the maximum data rate is used, is approximately 80 ppm. Refer to the CC1150
Errata Notes [8] for more details.
5.5.4
Command Strobes
Command Strobes may be viewed as single byte instructions to CC1150. By addressing a Command
Strobe register, internal sequences will be started. These commands are used to disable the crystal
oscillator, enable transmit mode, flush the TX FIFO, and so on. The nine command strobes are listed in
Table 5-11.
Copyright © 2006–2015, Texas Instruments Incorporated
Detailed Description
15
Submit Documentation Feedback
Product Folder Links: CC1150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com