Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1150-RTY1 Datasheet(PDF) 27 Page - Texas Instruments

Part # CC1150-RTY1
Description  Low Power Sub-1 GHz RF Transmitter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1150-RTY1 Datasheet(HTML) 27 Page - Texas Instruments

Back Button CC1150-RTY1 Datasheet HTML 23Page - Texas Instruments CC1150-RTY1 Datasheet HTML 24Page - Texas Instruments CC1150-RTY1 Datasheet HTML 25Page - Texas Instruments CC1150-RTY1 Datasheet HTML 26Page - Texas Instruments CC1150-RTY1 Datasheet HTML 27Page - Texas Instruments CC1150-RTY1 Datasheet HTML 28Page - Texas Instruments CC1150-RTY1 Datasheet HTML 29Page - Texas Instruments CC1150-RTY1 Datasheet HTML 30Page - Texas Instruments CC1150-RTY1 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 67 page
background image
XOSC Stable
CSn
SO
CC1150
www.ti.com
SWRS037B – JANUARY 2006 – REVISED MARCH 2015
CC1150 has a built-in state machine that is used to switch between different operations states (modes).
The change of state is done either by using command strobes or by internal events such as TX FIFO
underflow.
A simplified state diagram, together with typical usage and current consumption, is shown in Figure 5-2.
The complete radio control state diagram is shown in Figure 5-11. The numbers refer to the state number
readable in the MARCSTATE status register. This functionality is primarily for test purposes.
5.11.1 Power On Start-up Sequence
When the power supply is turned on, the system must be reset. This is achieved by one of the two
sequences described in Section 5.11.1.1 or Section 5.11.1.2, that is, automatic power-on reset or manual
reset. After the automatic power-on reset or manual reset it is also recommended to change the signal
that is output on the GDO0 pin. The default setting is to output a clock signal with a frequency of
CLK_XOSC/192, but to optimize performance in TX, an alternative GDO setting should be selected from
the settings found in Table 5-10.
5.11.1.1 Automatic POR
A power-on reset circuit is included in the CC1150. The minimum requirements stated in Section 4.7 must
be followed for the power-on reset to function properly. The internal power-up sequence is completed
when CHIP_RDYn goes low. CHIP_RDYn is observed on the SO pin after CSn is pulled low. See Section
10.1 for more details on CHIP_RDYn.
When the CC1150 reset is completed the chip will be in the IDLE state and the crystal oscillator running. If
the chip has had sufficient time for the crystal oscillator and voltage regulator to stabilize after the power-
on-reset, the SO pin will go low immediately after taking CSn low. If CSn is taken low before reset is
completed the SO pin will first go high, indicating that the crystal oscillator and voltage regulator is not
stabilized, before going low as shown in Figure 5-12.
Figure 5-12. Power-on Reset
5.11.1.2 Manual Reset
The other global reset possibility on CC1150 is the SRES command strobe. By issuing this strobe, all
internal registers and states are set to the default, IDLE state. The power-up sequence is as follows (see
Figure 5-13):
•
Set SCLK = 1 and SI = 0.
•
Strobe CSn low / high. Make sure to hold CSn high for at least 40 µs relative to pulling CSn low.
•
Pull CSn low and wait for SO to go low (CHIP_RDYn).
•
Issue the SRES strobe on the SI line.
•
When SO goes low again, reset is complete and the chip is in the IDLE state.
Copyright © 2006–2015, Texas Instruments Incorporated
Detailed Description
27
Submit Documentation Feedback
Product Folder Links: CC1150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com