Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1150-RTY1 Datasheet(PDF) 47 Page - Texas Instruments

Part # CC1150-RTY1
Description  Low Power Sub-1 GHz RF Transmitter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1150-RTY1 Datasheet(HTML) 47 Page - Texas Instruments

Back Button CC1150-RTY1 Datasheet HTML 43Page - Texas Instruments CC1150-RTY1 Datasheet HTML 44Page - Texas Instruments CC1150-RTY1 Datasheet HTML 45Page - Texas Instruments CC1150-RTY1 Datasheet HTML 46Page - Texas Instruments CC1150-RTY1 Datasheet HTML 47Page - Texas Instruments CC1150-RTY1 Datasheet HTML 48Page - Texas Instruments CC1150-RTY1 Datasheet HTML 49Page - Texas Instruments CC1150-RTY1 Datasheet HTML 50Page - Texas Instruments CC1150-RTY1 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 67 page
background image
CC1150
www.ti.com
SWRS037B – JANUARY 2006 – REVISED MARCH 2015
Table 5-33. 0x18: MCSM0 – Main Radio Control State Machine Configuration
BIT
FIELD
TYPE
RESET
DESCRIPTION
7:6
R0
Not Used.
5:4
FS_AUTOCAL[1:0]
R/W
0x0
Automatically calibrate when going to TX, or back to
IDLE:
The binary number is the setting and the result is when
to perform automatic calibration.
00 = Never (manually calibrate using SCAL strobe)
01 = When going from IDLE to TX (or FSTXON)
10 = When going from TX back to IDLE
11 = Every 4th time when going from TX to IDLE
3:2
PO_TIMEOUT
R/W
0x1
Programs the number of times the six-bit ripple counter
must expire after XOSC has stabilized before
CHP_RDY_N goes low.
The XOSC is off during power-down and if the regulated
digital supply voltage has sufficient time to stabilize while
waiting for the crystal to be stable, PO_TIMEOUT can be
set to 0. For robust operation it is recommended to use
PO_TIMEOUT=2.
The binary number is the setting, the result is the expire
count, and the definition is the timeout after XOSC start.
00 = 1 : Approx. 2.3
μs – 2.7 μs
01 = 16 : Approx. 37
μs – 43 μs
10 = 64 : Approx. 146
μs – 171 μs
11 = 256 : Approx. 585
μs – 683 μs
Exact timeout depends on crystal frequency.
In order to reduce start up time from the SLEEP state,
this field is preserved in powerdown (SLEEP state).
1:0
Reserved
R0
Defined on the transceiver version (CC1101)
Table 5-34. 0x22: FREND0 – Front End TX Configuration
BIT
FIELD
TYPE
RESET
DESCRIPTION
7:6
R0
Not Used.
5:4
LODIV_BUF_
R/W
0x1
Adjusts current TX LO buffer (input to PA).
CURRENT_TX[1:0]
The value to use in register field is given by
the SmartRF Studio [11] software.
3
R0
Not Used.
2:0
PA_POWER[2:0]
R/W
0x0
Selects PA power setting. This value is an
index to the PATABLE, which can be
programmed with up to 8 different PA
settings. In ASK mode, this selects the
PATABLE index to use when transmitting a
‘1’. PATABLE index zero is used in ASK when
transmitting a ‘0’. The PATABLE settings from
index ‘0’ to the PA_POWER value are used
for ASK TX shaping, and for power ramp-
up/ramp-down at the start/end of transmission
in all TX modulation formats.
Copyright © 2006–2015, Texas Instruments Incorporated
Detailed Description
47
Submit Documentation Feedback
Product Folder Links: CC1150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com