Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87570 Datasheet(PDF) 40 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 40 Page - National Semiconductor (TI)

Back Button PC87570 Datasheet HTML 36Page - National Semiconductor (TI) PC87570 Datasheet HTML 37Page - National Semiconductor (TI) PC87570 Datasheet HTML 38Page - National Semiconductor (TI) PC87570 Datasheet HTML 39Page - National Semiconductor (TI) PC87570 Datasheet HTML 40Page - National Semiconductor (TI) PC87570 Datasheet HTML 41Page - National Semiconductor (TI) PC87570 Datasheet HTML 42Page - National Semiconductor (TI) PC87570 Datasheet HTML 43Page - National Semiconductor (TI) PC87570 Datasheet HTML 44Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 168 page
background image
Bus Interface Unit (BIU)
40
www.national.com
3.3.5
Normal Read Bus Cycle
A read bus cycle starts at T1, when the address is placed
on the address bus, and SELn (or SELIO) is activated.
WR0-1 are inactive, indicating that this is a read bus cycle.
The RD signal is activated on the first TIW or T2 (when
there are no TIW cycles).
At the end of T2, the BIU samples the data on D0-7 or D0-15,
according to the SZCFGn.BW signal. After T2, the number of
Thold cycles specified by SZCFGn.HOLD (may be 0) are add-
ed. SELn and RD deactivate on the first Thold cycle. The ad-
dress remains valid until the end of the last Thold cycle.
When no Thold cycles are specified, SELn deactivates in the
clock cycle that follows T2, unless another read from the
same zone follows. The RD signal always deactivates in the
clock cycle following T2. See Figures 3-7,3-8 and 3-9.
A burst bus cycle supplements the basic read bus cycle if
the core attempts to access more bytes (i.e., a word) than
the configured bus width (and SZCFGn.BRE is set to 1).
The burst bus cycle (T2B) follows T2, before the Thold cy-
cles (if configured). A wait clock cycle (TBW) is added be-
tween T2 and T2B, if SZCFGn.WBR is set to 1.
The address of the burst bus cycle is changed on TBW (if
configured) or T2B (if no TBW). At the end of T2B, data is
sampled. The RD signal is activated during the burst bus cy-
cle; it deactivates in the clock cycle following T2B. See Fig-
ures 3-10 and 3-11.
CLK
A0:18
SELx
SELy
RD
WR0-1
D(0-15)
Normal Read
Normal Read
T1
T2
TIdle
T1
T2
In
In
(x
≠ y)
(y
≠ x)
BST0-2
Figure 3-7. Two Basic Normal Read Bus Cycles with Idle In-between (SZCFGy.IPST = 1, SZCFGx.IPRE =
CLK
A0-18
SELn
D0-15
RD
WR0-1
Bus State
T1
TIW
TIW
T2
Thold
BST0-2
Figure 3-8. Normal Read Bus Cycle with 2 Internal Waits and 1 Hold
In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com