Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87570 Datasheet(PDF) 87 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 87 Page - National Semiconductor (TI)

Back Button PC87570 Datasheet HTML 83Page - National Semiconductor (TI) PC87570 Datasheet HTML 84Page - National Semiconductor (TI) PC87570 Datasheet HTML 85Page - National Semiconductor (TI) PC87570 Datasheet HTML 86Page - National Semiconductor (TI) PC87570 Datasheet HTML 87Page - National Semiconductor (TI) PC87570 Datasheet HTML 88Page - National Semiconductor (TI) PC87570 Datasheet HTML 89Page - National Semiconductor (TI) PC87570 Datasheet HTML 90Page - National Semiconductor (TI) PC87570 Datasheet HTML 91Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 168 page
background image
Multi-Input Wake-Up (MIWU)
87
www.national.com
10.3.6
Pending Register 3 (WKPND3)
The WKPND3 Register is a byte-wide, read/write register,
that latches the occurrence of a selected trigger condition
associated with the input signals WUI30 to WUI37. For a
detailed description of the register see the above descrip-
tion of the WKPND1 Register.
10.3.7
Wake-Up Enable Register 1 (WKEN1)
The WKEN1 Register is a byte-wide, read/write register,
that enables a wake-up function of the associated input sig-
nals WUI10 to WUI17. On reset, WKEN1 is cleared (0). This
disables the associated input signals.
Bits 7-0 - Wake-Up Enable (WKEN10-17)
If set (1), a valid trigger condition on the associated input
generates a wake-up signal or EXTINTx interrupt re-
quest.
If cleared (0), the associated input does not generate a
wake-up signal but may generate an interrupt request if
the corresponding MIWU output is routed to the ICU.
10.3.8
Wake-Up Enable Register 2 (WKEN2)
The WKEN2 Register is a byte-wide, read/write register,
that enables a wake-up function of the associated input sig-
nals WUI20 to WUI27. For a detailed description of the reg-
ister see the above description of the WKEN1 Register.
10.3.9
Wake-Up Enable Register 3 (WKEN3)
The WKEN3 Register is a byte-wide, read/write register,
that enables a wake-up function of the associated input sig-
nals WUI30 to WUI37. For a detailed description of the reg-
ister see the above description of the WKEN1 Register.
10.3.10 Pending Clear Register 1 (WKPCL1)
The WKPCL1 Register controls the clearing (0) of the pend-
ing bits associated with the WUI10 through WUI17 inputs.
This avoids potential hardware/software collisions during
read-modify-write operations. The register is a byte-wide
write-only register.
Bits 7-0 - Wake-Up Pending Clear (WKPCL10-17)
If any bit is set to1, the associated pending flag located in
WKPND1 is cleared (0). Writing a 0 to any bit position
leaves the value of the corresponding pending flag un-
changed.
10.3.11 Pending Clear Register 2 (WKPCL2)
The WKPCL2 Register controls the clearing (0) of the pend-
ing bits associated with the WUI20 through WUI27 inputs.
For a detailed description of the register, see the above de-
scription of the WKPCL1 Register.
10.3.12 Pending Clear Register 3 (WKPCL3)
The WKPCL3 Register controls the clearing (0) of the pend-
ing bits associated with the WUI30 through WUI37 inputs.
For a detailed description of the register, see the above de-
scription of the WKPCL1 Register.
10.4 USAGE HINTS
1. To change an edge select, perform the following steps
to avoid a pseudo wake-up condition as a result of the
edge change:
a. Clear the associated WKENx bit, followed by the
edge select change in the WKEDGx Register.
b. Clear the associated WKPDx bit, then re-enable the
associated WKENx bit.
2. The correct use of the MIWU circuit, which avoids false
triggering of a wake-up condition, requires the following
sequence of actions. Use the same procedure following
a Reset since the wake-up inputs are left floating, pro-
ducing unknown data on the MIWU input signals.
a. Clear the WKENx Register, or if used as an inter-
rupt, disable the interrupt via the ICU.
b. Write the WKEDGx Register to select the desired
type of edge sensitivity for each of the pins used.
c. Clear the WKPNDx Register to cancel any pending
bits.
d. Either set the WKENx bits associated with the pins
to be used, thus enabling them for the wake-up/in-
terrupt function, or re-enable the interrupt via the
ICU.
3. On Reset, the WKEDGx Register is configured to select
positive-going edge sensitivity for all wake-up inputs. To
change the edge sensitivity of an input signal, while
avoiding false triggering of a wake-up/interrupt condi-
tion, use the following procedure.
a. Clear the WKENx bit associated with the WUIxx in-
put to disable that input.
b. Write the WKEDGx Register to select the new type
of edge sensitivity for the specific input.
c. Clear the WKPNDx bit associated with the WUIxx in-
put.
d. Set the WKENx bit associated with the WUIxx input
to re-enable it.
7
0
WKEN17-WKEN10
7
0
WKPCL17-WKPCL10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com