Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87570 Datasheet(PDF) 158 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 158 Page - National Semiconductor (TI)

Back Button PC87570 Datasheet HTML 154Page - National Semiconductor (TI) PC87570 Datasheet HTML 155Page - National Semiconductor (TI) PC87570 Datasheet HTML 156Page - National Semiconductor (TI) PC87570 Datasheet HTML 157Page - National Semiconductor (TI) PC87570 Datasheet HTML 158Page - National Semiconductor (TI) PC87570 Datasheet HTML 159Page - National Semiconductor (TI) PC87570 Datasheet HTML 160Page - National Semiconductor (TI) PC87570 Datasheet HTML 161Page - National Semiconductor (TI) PC87570 Datasheet HTML 162Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 168 page
background image
GPIO Ports
15
8
7
6543210
Register
Address
Access
Type
Value After
Reset
PADIR
Res
PA Port Direction
FE40h
Read/Write
00h
PADIN
Res
PA Port Input Data
FE42h
Read Only
PADOUT
Res
PA Port Output Data
FE44h
Read/Write
00h
PAWPU
Res
PA Port Weak Pull-up Enable
FE46h
Read/Write
00h
PBDIR
Res
PB Port Direction
FE48h
Read/Write
20h
PBDIN
Res
PB Port Input Data
FE4Ah
Read Only
PBDOUT
Res
PB Port Output Data
FE4Ch
Read/Write
20h
PBWPU
Res
PB Port Weak Pull-up Enable
FE4Eh
Read/Write
00h
PBALT
PBALT.7
1
0
PB Pins Alternate Function Enable
FE50h
Read/Write
40h
PCDIR
Res
PC Port Direction
FE52h
Read/Write
00h
PCDIN
Res
PC Port Input Data
FE54h
Read Only
PCDOUT
Res
PC Port Output Data
FE56h
Read/Write
00h
PCWPU
Res
PC Port Weak Pull-up Enable
FE58h
Read/Write
00h
PCALT
Res
PC Pins Alternate Function Enable
FE5Ah
Read/Write
00h
PDDIN
Res
PD Port Input Data
FE5Ch
Read Only
PDALT
Res
PD Pins Alternate Function Enable
FE5Eh
Read/Write
00h
PEDIR
Reserved
PE Port Direction
FE60h
Read/Write
00h
PEDIN
Reserved
PE Port Input Data
FE62h
Read Only
PEDOUT
Reserved
PE Port Output Data
FE64h
Read/Write
00h
PEWPU
Reserved
PE Port Weak Pull-
up Enable
FE66h
Read/Write
00h
PEALT
Reserved
PE Pins Alternate
Function Enable
FE68h
Read/Write
00h
KBSDIN
Res
KBSIN Data
FE6Ah
Read Only
KBSINPU
Res
KBSIN Weak Pull-up Enable
FE6Ch
Read/Write
00h
KBSOUT
KBSOUT Data
FE6Eh
Read/Write
FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com