Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87570 Datasheet(PDF) 163 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 163 Page - National Semiconductor (TI)

Back Button PC87570 Datasheet HTML 159Page - National Semiconductor (TI) PC87570 Datasheet HTML 160Page - National Semiconductor (TI) PC87570 Datasheet HTML 161Page - National Semiconductor (TI) PC87570 Datasheet HTML 162Page - National Semiconductor (TI) PC87570 Datasheet HTML 163Page - National Semiconductor (TI) PC87570 Datasheet HTML 164Page - National Semiconductor (TI) PC87570 Datasheet HTML 165Page - National Semiconductor (TI) PC87570 Datasheet HTML 166Page - National Semiconductor (TI) PC87570 Datasheet HTML 167Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 168 page
background image
PMC
76543210
Register
Address
Access
Type
Value After
Reset
PMCSR
Reserved
EIM
Reserved
IDLE
DHF
Res
FF80h
Read/Write
00h
PS/2 Interface
76543210
Register
Address
Access
Type
Value After
Reset
PSDAT
Data
FE80h
Read/Write
PSTAT
Reserved RFERR
ACH
PERR
EOT
SOT
FE82h
Read Only
00h
PSCON
WPUEN
IDB
HDRV
XMT
EN
FE84h
Read/Write
00h
PSOSIG
Reserved
CLK3
CLK2
CLK1
WDAT3
WDAT2
WDAT1
FE86h
Read/Write
07h
PSISIG
Reserved
RCLK3
RCLK2
RCLK1
RDAT3
RDAT2
RDAT1
FE88h
Read Only
PSIEN
Reserved
DSMIE
EOTIE
SOTIE
FE8Ah
Read/Write
00h
TWD
76543210
Register
Address
Access
Type
Value After
Reset
TWCFG
Reserved
WDSDME
WDCT0I
LWDCNT
LTWDT0
LTWCP
LTWCFG
FEE0h
Read/Write
00h
TWCP
Reserved
MDIV
FEE2h
Read/Write
00h
TWDT0
PRESET
FEE4h
Read/Write
FFFFh
T0CSR
Reserved
TC
RST
FEE6h
Read/Write
00h
WDCNT
PRESET
FEE8h
Write only
0Fh
WDSDM
RSTDATA
FEEAh
Write only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com