Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GG25L Datasheet(PDF) 8 Page - STMicroelectronics

Part # GG25L
Description  Fitness and healthcare
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GG25L Datasheet(HTML) 8 Page - STMicroelectronics

Back Button GG25L Datasheet HTML 4Page - STMicroelectronics GG25L Datasheet HTML 5Page - STMicroelectronics GG25L Datasheet HTML 6Page - STMicroelectronics GG25L Datasheet HTML 7Page - STMicroelectronics GG25L Datasheet HTML 8Page - STMicroelectronics GG25L Datasheet HTML 9Page - STMicroelectronics GG25L Datasheet HTML 10Page - STMicroelectronics GG25L Datasheet HTML 11Page - STMicroelectronics GG25L Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Application information
GG25L
8/28
DocID025995 Rev 1
5
Application information
Figure 3. Example of an application schematic using the GG25L in mixed mode
Figure 4. Example of an application schematic using the GG25L without current
sensing
Table 7. External component list
Name
Value
Tolerance
Comments
Rcg
5 to 50 mΩ
1% to 5% Current sense resistor (2% or better recommended)
C1
1 µF
Supply decoupling capacitor
C2
220 nF
Battery voltage input filter (optional)
R1
1 kΩ
Battery voltage input filter (optional)
R2
1 kΩ
Battery detection function
IO voltage
Optional filter
GND
Battery pack
Other
detection
circuit
Rcg
Rid
C1
R1
GG25L
R2
SCL
SDA
ALM
RSTIO
VCC
VIN
BATD/CD
CG
C2
IO voltage
Optional filter
GND
Battery pack
Other
detection
circuit
Rid
C1
R1
GG25L
R2
C2
SCL
SDA
ALM
RSTIO
VCC
VIN
BATD/CD
CG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com