Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GG25L Datasheet(PDF) 26 Page - STMicroelectronics

Part # GG25L
Description  Fitness and healthcare
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GG25L Datasheet(HTML) 26 Page - STMicroelectronics

Back Button GG25L Datasheet HTML 20Page - STMicroelectronics GG25L Datasheet HTML 21Page - STMicroelectronics GG25L Datasheet HTML 22Page - STMicroelectronics GG25L Datasheet HTML 23Page - STMicroelectronics GG25L Datasheet HTML 24Page - STMicroelectronics GG25L Datasheet HTML 25Page - STMicroelectronics GG25L Datasheet HTML 26Page - STMicroelectronics GG25L Datasheet HTML 27Page - STMicroelectronics GG25L Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
Package information
GG25L
26/28
DocID025995 Rev 1
area” typically 0.2 mm in diameter depending on the die size.
Figure 16. Flip Chip CSP 1.4 x 2.04 mm footprint recommendation
Table 16. Flip Chip CSP 1.4 x 2.04 mm package mechanical data
Symbol
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.545
0.600
0.655
0.021
0.024
0.026
A1
0.165
0.200
0.235
0.006
0.008
0.009
A2
0.330
0.350
0.370
0.013
0.014
0.015
b
0.220
0.260
0.300
0.009
0.010
0.012
D
1.98
2.01
2.04
0.078
0.079
0.080
D1
1.20
0.047
E
1.34
1.37
1.40
0.053
0.054
0.055
E1
0.800
0.031
e
0.360
0.400
0.440
0.014
0.016
0.017
fD
0.395
0.405
0.415
0.016
0.016
0.016
fE
0.275
0.285
0.295
0.011
0.011
0.012
G
0.050
0.002
ccc
0.050
0.002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com