Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETV2665FIBZWT4 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2665FIBZWT4
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2665FIBZWT4 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TNETV2665FIBZWT4 Datasheet HTML 29Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 30Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 31Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 32Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 33Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 34Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 35Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 36Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 249 page
background image
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
Table 2-10. RESET and JTAG Terminal Functions
SIGNAL
OTHER(2)
TYPE(1)
DESCRIPTION
ZWT
ZDU
(3)
NAME
NO.
NO.
RESET
IPU
RESET
M4
R3
I
Device reset
DVDD33
Reset output status pin. The RESETOUT pin indicates when the
RESETOUT
N3
T3
O/Z
DVDD33
device is in reset.
IPU
POR
N4
R2
I
Power-on reset.
DVDD33
JTAG
IPU
JTAG test-port mode select input.
TMS
R3
V3
I
DVDD33
For proper device operation, do not oppose the IPU on this pin.
TDO
P3
U2
O/Z
JTAG test-port data output
DVDD33
IPU
TDI
P4
U3
I
JTAG test-port data input
DVDD33
IPU
TCK
N1
U1
I
JTAG test-port clock input
DVDD33
JTAG test-port reset. For IEEE 1149.1 JTAG compatibility, see
IPD
TRST
R2
V2
I
the IEEE 1149.1 JTAG compatibility statement portion of this data
DVDD33
sheet
IPU
EMU1
N2
T2
I/O/Z
Emulation pin 1
DVDD33
IPU
EMU0
P2
T1
I/O/Z
Emulation pin 0
DVDD33
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external
pullup/pulldown resistors are required, see Section 3.9.1 , Pullup/Pulldown Resistors.
(3)
Specifies the operating I/O supply voltage for each signal
Copyright © 2007–2009, Texas Instruments Incorporated
Device Overview
33
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com