Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETV2665FIBZWT4 Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2665FIBZWT4
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2665FIBZWT4 Datasheet(HTML) 59 Page - Texas Instruments

Back Button TNETV2665FIBZWT4 Datasheet HTML 55Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 56Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 57Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 58Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 59Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 60Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 61Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 62Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 249 page
background image
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
Table 2-27. Reserved Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
ZWT
ZDU
NAME
NO.
NO.
RESERVED
RSV1
E5
D4
Reserved. (Leave unconnected, do not connect to power or ground)
RSV2
K5
L4
Reserved. (Leave unconnected, do not connect to power or ground)
RSV3
L5
M4
Reserved. (Leave unconnected, do not connect to power or ground)
RSV4
L15
P19
A O
Reserved. (Leave unconnected, do not connect to power or ground)
RSV5
R13
W16
A O
Reserved. (Leave unconnected, do not connect to power or ground)
Reserved. This pin must be tied directly to VSS for normal device
RSV6
N19
V22
A I
operation.
RSV7
P19
V21
A O
Reserved. (Leave unconnected, do not connect to power or ground)
RSV8
P18
U22
A O
Reserved. (Leave unconnected, do not connect to power or ground)
RSV9
N18
T21
A O
Reserved. (Leave unconnected, do not connect to power or ground)
RSV10
N17
T22
A O
Reserved. (Leave unconnected, do not connect to power or ground)
Reserved. This pin must be tied directly to VSS for normal device
RSV11
P16
U20
operation.
Reserved. This pin must be tied directly to VSS for normal device
RSV12
P17
V20
operation.
Reserved. This pin must be tied directly to VSS for normal device
RSV13
N15
T20
operation.
Reserved. This pin must be tied directly to VSS for normal device
RSV14
P15
T19
operation.
Reserved. This pin must be tied directly to VSS for normal device
RSV15
N16
U21
operation.
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external
pullup/pulldown resistors are required, see Section 3.9.1 , Pullup/Pulldown Resistors.
(3)
Specifies the operating I/O supply voltage for each signal
Copyright © 2007–2009, Texas Instruments Incorporated
Device Overview
59
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com