Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99MM70XP Datasheet(PDF) 26 Page - STMicroelectronics

Part # L99MM70XP
Description  INH input for external CAN transceiver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MM70XP Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L99MM70XP Datasheet HTML 22Page - STMicroelectronics L99MM70XP Datasheet HTML 23Page - STMicroelectronics L99MM70XP Datasheet HTML 24Page - STMicroelectronics L99MM70XP Datasheet HTML 25Page - STMicroelectronics L99MM70XP Datasheet HTML 26Page - STMicroelectronics L99MM70XP Datasheet HTML 27Page - STMicroelectronics L99MM70XP Datasheet HTML 28Page - STMicroelectronics L99MM70XP Datasheet HTML 29Page - STMicroelectronics L99MM70XP Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 68 page
background image
Protection and diagnosis
L99MM70XP
26/68
Doc ID 022637 Rev 2
4
Protection and diagnosis
4.1
Power supply fail
Overvoltage and undervoltage detection on VS (Power1).
4.1.1
Overvoltage
If the supply voltage VS rises above the overvoltage threshold (VSOV) for more than 56 µs
(typ.)
●
The outputs OUT1-9, ECV, ECFD and LIN are switched to high impedance state (load
protection). Electrochrome mode is switched off. If the bit OVUVR is set to 0, the
outputs are re-enabled automatically if the overvoltage condition is removed. If it is set
to 1, then the overvoltage bit has to be cleared to re-enable the outputs. LIN is always
automatically re-enabled.
●
The overvoltage bit is set and can be cleared with a “read and clear” command.
4.1.2
Undervoltage
If the supply voltage VS drops below the under voltage threshold voltage (VSUV) for more
than 56 µs (typ.)
●
The outputs OUT1-9, ECV, ECFD and LIN are switched to high impedance state.
Electrochrome mode is switched off. If the bit OVUVR is set to 0, the outputs are re-
enabled automatically if the under voltage condition is removed. If it is set to 1, then the
under voltage bit has to be cleared to re-enable the outputs. LIN is always automatically
re-enabled.
●
The under voltage bit is set and can be cleared with the “read and clear” command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com