Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9659 Datasheet(PDF) 26 Page - STMicroelectronics

Part # L9659
Description  Octal squib driver ASIC for safety application
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9659 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L9659 Datasheet HTML 22Page - STMicroelectronics L9659 Datasheet HTML 23Page - STMicroelectronics L9659 Datasheet HTML 24Page - STMicroelectronics L9659 Datasheet HTML 25Page - STMicroelectronics L9659 Datasheet HTML 26Page - STMicroelectronics L9659 Datasheet HTML 27Page - STMicroelectronics L9659 Datasheet HTML 28Page - STMicroelectronics L9659 Datasheet HTML 29Page - STMicroelectronics L9659 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 51 page
background image
Functional description
L9659
26/51
Doc ID 022048 Rev 2
the current exceeds the specified level. After a POR or software reset the L9659 will reset all
8 measurement registers to all ‘0’s.
A “real-time” current measurement status of all the channels is available. If a current limit
status request is sent then the L9659 will report in the next SPI transfer whether the current
is above or below IMEAS for each of the channels. The current status results can be read at
any time and will correctly report whether current is flowing. The content of the internal
current status register is captured on the falling edge of chip select during the SPI response.
The internal status register is updated at a nominal sample time of 25µs and is independent
of SPI transfers.
For this circuit there is continuously being performed compensation of the comparator to
remove offset errors, which is independent from SPI commands. The compensation is being
performed every 12.8µs based on the internal clock.
3.4.3
Fire enable (FEN) function description
The Fire Enable (FEN) function is the result of the FENx input OR’d with the internal FEN
latch. If the FEN latch is not enabled and the FENx pin is low then activation of the FET
drivers are disabled except as indicated during the MOS test. All internal diagnostic
functions, and results, will be available through the serial interface. This pin must be pulled
high to initiate the FEN latch function (if programmed) and enable firing of the FET drivers.
There are four FEN function blocks
●
FEN Function 1 is FEN1 input OR’d with FEN1 latch timer and used for enabling
channels 0 & 1
●
FEN Function 2 is FEN1 input OR’d with FEN2 latch timer and used for enabling
channels 2 & 3
●
FEN Function 3 is FEN1 input OR'd with FEN3 latch timer and used for enabling
channels 4 & 5
●
FEN Function 4 is FEN1 input OR'd with FEN4 latch timer and used for enabling
channels 6 & 7
The FEN function will be considered active when the pin is active (‘1’ or high) for more than
12 microseconds. Tolerance range for the filter used is 12 to 16 µsecs.
When the FENx input is active, ‘1’, the FEN function will be active. When the FENx input
state transitions from ‘1’ to ‘0’, the programmable latching function will hold the FEN
function active until the timeout of the FEN timer. The programmable latch and hold
function will be capable of delays of 0ms, 128 ms, 256 ms, and 512 ms. There are 4
independent timers with the timer for FEN1 associated with channels 0 & 1, timer for FEN2
associated with channels 2 & 3, timer for FEN3 associated with channels 4 & 5, timer for
FEN4 associated with channels 6 & 7. The timer is reset to the programmed time when
the FENx pin transitions from ‘0’ to ‘1’. The programmable counter delay will be set
through a SPI command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com