Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9659 Datasheet(PDF) 41 Page - STMicroelectronics

Part # L9659
Description  Octal squib driver ASIC for safety application
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9659 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button L9659 Datasheet HTML 37Page - STMicroelectronics L9659 Datasheet HTML 38Page - STMicroelectronics L9659 Datasheet HTML 39Page - STMicroelectronics L9659 Datasheet HTML 40Page - STMicroelectronics L9659 Datasheet HTML 41Page - STMicroelectronics L9659 Datasheet HTML 42Page - STMicroelectronics L9659 Datasheet HTML 43Page - STMicroelectronics L9659 Datasheet HTML 44Page - STMicroelectronics L9659 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 51 page
background image
L9659
Functional description
Doc ID 022048 Rev 2
41/51
STB/STG bit definition with MOSI D11:D9 =111 (HS FET)
STB, STG bits see table below
HSS1:HSS0 bit definition with MOSI D11:D9=011 (High side safing)
HSS1:HSS0 bits
see table below
VR1:VR0 bit definition with MOSI D11:D9=010 (VRESx supply voltage)
VR1:VR0 bits
see table below
HSR Bit Definition with MOSI D11:D9=101 (High Squib Resistance)
HSR bit
Bit used for indicating a high squib resistance.
0 = Squib Resistance below RSQHIZ
1 = Squib Resistance above RSQHIZ
Bits D6
FP
Fault present prior to running LS FET or HS FET test
(diagnostics aborted)
0 = Normal
1 = Test not run - Fault present (FEN in incorrect state, short
to battery or ground)
Bits D5
Bit definition based on diagnostic selection.
FT bit Read Only - Used for LS FET or HS FET diagnostics
and is the status of the FET timer
0 = FET timer not active
1 = FET timer active
Table 22.
Diagnostic mode HS FET selection
Condition
STB
STG
Test in Process (FT=1); Fault present prior to run test (FP=1); or HS
FET/VRESx open fault (FP=0,FT=0). Only Valid if test is in process
or inactive.
0
0
Test Pass if leakage diagnostics did not indicate a short to battery.
1
0
Short to ground occurred during test.
0
1
Table 23.
Diagnostic mode HSS selection
Condition
HSS1
HSS0
(VSDIAG-VRESx) < VHSSSHORT_th
0
0
VHSSSHORT_th < (VSDIAG-VRESx) < VHSSOPEN_th
0
1
VHSSOPEN_th < (VSDIAG-VRESx)
1
1
Table 24.
Diagnostic mode VRESx selection
Condition
VR1
VR0
VRESx < VVRESXLO_th
0
0
VVRESXLO_th < VRESx < VVRESXHI_th
0
1
VVRESXHI_th < VRESx
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com