Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM8801 Datasheet(PDF) 21 Page - STMicroelectronics

Part # PM8801
Description  High-efficiency, IEEE 802.3at compliant, integrated PoE-PD interface and PWM controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8801 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button PM8801 Datasheet HTML 17Page - STMicroelectronics PM8801 Datasheet HTML 18Page - STMicroelectronics PM8801 Datasheet HTML 19Page - STMicroelectronics PM8801 Datasheet HTML 20Page - STMicroelectronics PM8801 Datasheet HTML 21Page - STMicroelectronics PM8801 Datasheet HTML 22Page - STMicroelectronics PM8801 Datasheet HTML 23Page - STMicroelectronics PM8801 Datasheet HTML 24Page - STMicroelectronics PM8801 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
DocID018560 Rev 2
21/37
PM8801
PD interface
A low T2P signal after the turn-on phase of the PD means that the device is connected to a
Type2, 2-event physical layer classification PSE which may allocate power either through
further LLDP negotiation or directly feeding the PD with the required power.
In isolated applications, the main circuits and the PM8801 are at both sides of the galvanic
isolation. The T2P signal is normally connected to an optocoupler to pass the
Type 2, 2-event PSE detection information to the main circuit in the PD system.
Figure 7. T2P signal when connected to PSE supporting 1-event classification
Figure 8. T2P signal when connected to PSE supporting 2-event classification
Time
Idle or Mark Range
Classification Range
On range
Detection
Time
OUTPUT VOLTAGE
Soft Start
V
Time
T2P (802.3af)
V
T2P stable before
output soft-start
AM045039v1
Time
Idle or Mark Range
Classification Range
On range
Detection
Time
OUTPUT VOLTAGE
Soft Start
V
Time
T2P (802.3at)
V
T2P stable before
output soft-start
AM045040v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com