Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM8801 Datasheet(PDF) 26 Page - STMicroelectronics

Part # PM8801
Description  High-efficiency, IEEE 802.3at compliant, integrated PoE-PD interface and PWM controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8801 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button PM8801 Datasheet HTML 22Page - STMicroelectronics PM8801 Datasheet HTML 23Page - STMicroelectronics PM8801 Datasheet HTML 24Page - STMicroelectronics PM8801 Datasheet HTML 25Page - STMicroelectronics PM8801 Datasheet HTML 26Page - STMicroelectronics PM8801 Datasheet HTML 27Page - STMicroelectronics PM8801 Datasheet HTML 28Page - STMicroelectronics PM8801 Datasheet HTML 29Page - STMicroelectronics PM8801 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
PD interface
PM8801
26/37
DocID018560 Rev 2
4.8
Wakeup from sleep mode
The PM8801 pin WKUP is a logic-level active-low input, internally pulled high. It can be
connected to VSS ground through a switch. The closure of this switch wakes up the device
from sleep mode, performing a soft-start of the DC/DC converter.
If the switch is closed during normal operations, no action is taken by the PM8801.
Other conditions to wake up the device are a voltage drop below UVLO threshold or the
insertion of a wall adapter connected to the SA pin.
Figure 12. Wakeup sequence
Ch1: WKUP, Ch2: VSS-RTN, Ch3: Iinput, Ch4: 5 Vout
4.9
High-voltage startup regulator
The PM8801 embeds a high-voltage startup regulator to provide a controlled reference
voltage of 8.0 V to the internal current mode PWM controller during its startup phase.
The regulator output is connected to the VC pin as well as to the DC/DC section.
In standard isolated topology, the VC pin is diode connected to the auxiliary winding of the
transformer used for the flyback or forward configuration. When the voltage from the
transformer exceeds the regulated voltage, the high-voltage regulator is shut off, reducing
the amount of power dissipated inside the PM8801.
In more detail, when the voltage from the auxiliary winding exceeds 8.0 V, the regulator
resets its intervention threshold to 7 V. In this way, a loosely regulated voltage from the
auxiliary winding is allowed without current-sharing with the internal regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com