Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SEA01 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SEA01
Description  Constant voltage and current controller with online digital trimming
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SEA01 Datasheet(HTML) 1 Page - STMicroelectronics

  SEA01 Datasheet HTML 1Page - STMicroelectronics SEA01 Datasheet HTML 2Page - STMicroelectronics SEA01 Datasheet HTML 3Page - STMicroelectronics SEA01 Datasheet HTML 4Page - STMicroelectronics SEA01 Datasheet HTML 5Page - STMicroelectronics SEA01 Datasheet HTML 6Page - STMicroelectronics SEA01 Datasheet HTML 7Page - STMicroelectronics SEA01 Datasheet HTML 8Page - STMicroelectronics SEA01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
This is information on a product in full production.
May 2013
DocID024452 Rev 1
1/24
24
SEA01
Constant voltage and current controller with online digital trimming
Datasheet
- production data
Figure 1. Internal schematic
Figure 2. Pin connections (top view)
Features
• Online digital trimming for the highest end-
product accuracy in voltage and current control
• Automatic operation eliminates manual
intervention in the production line
• Simple and robust trimming protocol and
storage
• Redundant OTP (first and second trimming)
• Extended operating voltage range
• Very low quiescent current
• Offered in an SO8 package
Applications
• SMPS requiring accurate voltage and current
regulation
• AC-DC adapters
• Battery chargers
Description
SEA01 is a highly integrated solution for SMPS
applications requiring precise voltage and current
regulation.
The device integrates two voltage references, two
op-amps (with open-drain outputs), a low-side
current sensing circuit and an online digital
trimming machine.
The internal reference VrefV, along with one op-
amp, is the core of the voltage control loop.
The internal reference VrefI and the other op-amp
make up the current control loop. The embedded
digital trimming allows the user, through software,
to adjust and permanently store both VrefV and
VrefI internal references during the production test
of the end product, compensating the tolerance of
the external components and the error due to
their discretized values. Redundant OTP gives
the user a second chance to change the values
stored in the non-volatile memory of the IC during
the first trimming process.
This feature allows having the highest end-
product accuracy of voltage and current control
without the use of external discrete components
or manual intervention.
SO8
www.st.com


Similar Part No. - SEA01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SEA05 STMICROELECTRONICS-SEA05 Datasheet
261Kb / 10P
Advanced constant voltage and constant current controller
26-Apr-2010
logo
celduc-relais
SEA05002 CELDUC-SEA05002 Datasheet
163Kb / 2P
AC SOLID STATE INPUT MODULE
SEA05004 CELDUC-SEA05004 Datasheet
99Kb / 4P
Support Interfaces E/S DIN rail adaptor for I/O modules
SEA05004 CELDUC-SEA05004 Datasheet
163Kb / 2P
AC SOLID STATE INPUT MODULE
SEA05010 CELDUC-SEA05010 Datasheet
99Kb / 4P
Support Interfaces E/S DIN rail adaptor for I/O modules
More results

Similar Description - SEA01

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4313 BCDSEMI-AP4313_07 Datasheet
216Kb / 12P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4305 BCDSEMI-AP4305_07 Datasheet
218Kb / 12P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Seaward Electronics Inc...
SE1052 SEAWARD-SE1052 Datasheet
288Kb / 8P
Constant Voltage and Constant Current Controller
logo
BCD Semiconductor Manuf...
AP4306 BCDSEMI-AP4306 Datasheet
705Kb / 12P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4313 BCDSEMI-AP4313_10 Datasheet
685Kb / 12P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Unisonic Technologies
UM608 UTC-UM608_15 Datasheet
221Kb / 4P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Diodes Incorporated
AP4312Q DIODES-AP4312Q Datasheet
562Kb / 11P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 4
AP4305 DIODES-AP4305 Datasheet
451Kb / 10P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 2
AP4306 DIODES-AP4306 Datasheet
369Kb / 11P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 2
AP4313 DIODES-AP4313 Datasheet
359Kb / 9P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com