Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SEA01 Datasheet(PDF) 10 Page - STMicroelectronics

Part # SEA01
Description  Constant voltage and current controller with online digital trimming
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SEA01 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SEA01 Datasheet HTML 6Page - STMicroelectronics SEA01 Datasheet HTML 7Page - STMicroelectronics SEA01 Datasheet HTML 8Page - STMicroelectronics SEA01 Datasheet HTML 9Page - STMicroelectronics SEA01 Datasheet HTML 10Page - STMicroelectronics SEA01 Datasheet HTML 11Page - STMicroelectronics SEA01 Datasheet HTML 12Page - STMicroelectronics SEA01 Datasheet HTML 13Page - STMicroelectronics SEA01 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Online digital trimming procedure
SEA01
10/24
DocID024452 Rev 1
condition. START and STOP conditions are always generated by the master. The bus is
considered to be busy after the START condition. The bus is considered to be free again a
certain time after the STOP condition.
The bus stays busy if a repeated START (Sr) is generated instead of a STOP condition. In
this respect, the START (S) and repeated START (Sr) conditions are functionally identical
–
every byte put on the serial data line is 8 bits long
–
each byte is followed by an acknowledge bit
–
data is transferred with the most significant bit (MSB) first
–
data transfer with acknowledge is obligatory
The acknowledge-related clock pulse is generated by the master. The transmitter releases
the serial data line (HIGH) during the acknowledge clock pulse. The receiver pulls down the
serial data line during the acknowledge clock pulse so that it remains stable LOW during the
HIGH period of this clock pulse. Of course, setup and hold time must also be taken into
account.
When SEA01 is addressed, it generates an acknowledge after each byte has been
received. When SEA01 doesn't acknowledge its address, the data line is left HIGH by the
device. The master can then generate either a STOP condition to abort the transfer, or a
repeated START condition to start a new transfer.
If a SEA01-receiver does acknowledge its address but, sometime later in the transfer
cannot receive any more data bytes, the master must again abort the transfer. This is
indicated by SEA01 generating the not-acknowledge on the first byte to follow. SEA01
leaves the data line HIGH and the master generates a STOP or a repeated START
condition. If a master-receiver is involved in a transfer, it must signal the end of data to the
slave- transmitter by not generating an acknowledge on the last byte that was clocked out of
the slave. The slave-transmitter must release the data line to allow the master to generate a
STOP or repeated START condition.
Data transfers have the following format: after the START condition (S), a slave address is
sent. This address is 7 bits long followed by an eighth bit which is a data direction bit (R/W)
- a 'zero' indicates a transmission (WRITE), a 'one' indicates a request for data (READ). A
data transfer is always terminated by a STOP condition (P) generated by the master.
However, if a master still wishes to communicate on the bus, it can generate a repeated
START condition (Sr) and address the slave without first generating a STOP condition.
3.2
Device address
The device is provided with the following fixed 7-bit address, while the 8th bit is the data
direction (R/W).
This address corresponds to <52> Hex.
MSB
LSB
A1
A2
A3
A4
A5
A6
A7
R/W
10
1
0
0
1
0
1/0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com