Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL13N60M2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STL13N60M2
Description  Low gate input resistance
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL13N60M2 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STL13N60M2 Datasheet HTML 2Page - STMicroelectronics STL13N60M2 Datasheet HTML 3Page - STMicroelectronics STL13N60M2 Datasheet HTML 4Page - STMicroelectronics STL13N60M2 Datasheet HTML 5Page - STMicroelectronics STL13N60M2 Datasheet HTML 6Page - STMicroelectronics STL13N60M2 Datasheet HTML 7Page - STMicroelectronics STL13N60M2 Datasheet HTML 8Page - STMicroelectronics STL13N60M2 Datasheet HTML 9Page - STMicroelectronics STL13N60M2 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical characteristics
STL13N60M2
6/16
DocID026363 Rev 2
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area
Figure 3. Thermal impedance
ID
10
1
0.1
0.1
1
VDS(V)
10
(A)
10µs
1ms
100µs
0.01
Tj=150°C
Tc=25°C
Single pulse
100
10ms
GIPG130520141013SA
Single pulse
0.05
0.02
0.01
δ=0.5
0.1
0.2
K
10
tp(s)
-5
10
-4
10
-3
10
10
-2
10
-1
10
-6
10
-3
10
-2
-1
10
ZthPowerFlat_5x6_19
Figure 4. Output characteristics
Figure 5. Transfer characteristics
Figure 6. Normalized VBR(DSS) vs temperature
Figure 7. Static drain-source on-resistance
ID
12
8
4
0
0
8
VDS(V)
(A)
4
12
16
4V
5V
6V
VGS=7, 8, 9, 10V
16
20
AM15712v1
ID
4
0
0
4
VGS(V)
8
(A)
2
6
8
12
VDS=18V
16
20
AM15713v1
VBR(DSS)
-50
TJ(°C)
(norm)
0
0.9
0.94
0.98
1.02
1.06
ID=1 mA
50
100
1.1
AM15714v1
RDS(on)
0.390
0.385
0.380
0.375
0
4
ID(A)
(
Ω)
2
6
0.395
VGS=10V
8
10
0.400
0.405
0.410
0.415
AM15912v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com