Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL17N65M5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL17N65M5
Description  Excellent switching performance
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL17N65M5 Datasheet(HTML) 1 Page - STMicroelectronics

  STL17N65M5 Datasheet HTML 1Page - STMicroelectronics STL17N65M5 Datasheet HTML 2Page - STMicroelectronics STL17N65M5 Datasheet HTML 3Page - STMicroelectronics STL17N65M5 Datasheet HTML 4Page - STMicroelectronics STL17N65M5 Datasheet HTML 5Page - STMicroelectronics STL17N65M5 Datasheet HTML 6Page - STMicroelectronics STL17N65M5 Datasheet HTML 7Page - STMicroelectronics STL17N65M5 Datasheet HTML 8Page - STMicroelectronics STL17N65M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
July 2013
DocID023031 Rev 3
1/16
STL17N65M5
N-channel 650 V, 0.338
Ω typ., 10 A MDmesh™ V Power MOSFET
in a PowerFLAT™ 8x8 HV package
Datasheet - preliminary data
Figure 1. Internal schematic diagram
Features
• Worldwide best R
DS(on)
* area
• Higher V
DSS
rating and high dv/dt capability
• Excellent switching performance
Applications
• Switching applications
Description
This device is an N-channel MDmesh™ V Power
MOSFET based on an innovative proprietary
vertical process technology, which
is combined
with STMicroelectronics’ well-known
PowerMESH™ horizontal layout structure. The
resulting product has extremely low on-
resistance, which is unmatched among silicon-
based Power MOSFETs, making it especially
suitable for applications which require superior
power density and outstanding efficiency.
Order code
VDS @ TJmax RDS(on) max
I
D
STL17N65M5
710 V
0.374
Ω
10 A
(1)
1.
The value is rated according to R
thj-case
and limited by
package
Table 1. Device summary
Order code
Marking
Package
Packaging
STL17N65M5
17N65M5
PowerFLAT™ 8x8 HV
Tape and reel
www.st.com


Similar Part No. - STL17N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL17N60M6 STMICROELECTRONICS-STL17N60M6 Datasheet
580Kb / 15P
N-channel 600 V, 300 m typ., 10 A, MDmesh™ M6 Power MOSFET in a PowerFLAT™ 8x8 HV package
14-Feb-2019
More results

Similar Description - STL17N65M5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XT0013 ETC2-XT0013 Datasheet
168Kb / 2P
Excellent THD performance
logo
SYNERGY MICROWAVE CORPO...
SMQ-C52 SYNERGY-SMQ-C52 Datasheet
463Kb / 4P
Excellent Performance
logo
Surge Components
TG SURGE-TG Datasheet
690Kb / 2P
excellent temperature performance
logo
CML Microcircuits
FX919B CMLMICRO-FX919B Datasheet
1Mb / 47P
Excellent Radio Fading Performance
logo
List of Unclassifed Man...
ANT-868-PW-RA ETC2-ANT-868-PW-RA Datasheet
170Kb / 1P
Excellent performance
GP-3004SF ETC2-GP-3004SF Datasheet
444Kb / 2P
Excellent thermal performance
logo
STMicroelectronics
STB46N30M5 STMICROELECTRONICS-STB46N30M5 Datasheet
1Mb / 17P
Excellent switching performance
11-Apr-2014
STL19N65M5 STMICROELECTRONICS-STL19N65M5 Datasheet
1Mb / 17P
Excellent switching performance
July 2013 Rev 1
STW78N65M5 STMICROELECTRONICS-STW78N65M5 Datasheet
959Kb / 14P
Excellent switching performance
08-Aug-2013
STB15N65M5 STMICROELECTRONICS-STB15N65M5 Datasheet
1Mb / 19P
Excellent switching performance
09-Nov-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com