Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL60N32N3LL Datasheet(PDF) 6 Page - STMicroelectronics

Part # STL60N32N3LL
Description  Dual N-channel 30 V, 0.005 Ω, 15 A PowerFLAT™ 5x6 asymmetrical double island, STripFET™ Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL60N32N3LL Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STL60N32N3LL Datasheet HTML 2Page - STMicroelectronics STL60N32N3LL Datasheet HTML 3Page - STMicroelectronics STL60N32N3LL Datasheet HTML 4Page - STMicroelectronics STL60N32N3LL Datasheet HTML 5Page - STMicroelectronics STL60N32N3LL Datasheet HTML 6Page - STMicroelectronics STL60N32N3LL Datasheet HTML 7Page - STMicroelectronics STL60N32N3LL Datasheet HTML 8Page - STMicroelectronics STL60N32N3LL Datasheet HTML 9Page - STMicroelectronics STL60N32N3LL Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Electrical characteristics
STL60N32N3LL
6/14
Doc ID 17266 Rev 3
2.1
Electrical characteristics (curves)
2.1.1
Graphs for Q1
Figure 2.
Safe operating area
Figure 3.
Thermal impedance
Figure 4.
Output characteristics
Figure 5.
Transfer characteristics
Figure 6.
Normalized BVDSS vs temperature
Figure 7.
Static drain-source on resistance
ID
100
10
1
0.1
0.1
1
VDS(V)
10
(A)
Oper
ation
in
thi
s a
rea
is
Limited
by
m
ax
R
DS
(on)
1s
10ms
100ms
Tj=150°C
Tc=25°C
Single pulse
0.01
AM11199v1
10
-3
10
-2
10
-1
10
0
10
1
tp(s)
10
-4
10
-3
K
0.2
0.05
0.02
0.01
Single pulse
δ=0.5
10
-2
10
-1
10
0
10
2
0.1
PCB_PowerFLAT
ID
30
20
10
0
0
2
VDS(V)
4
(A)
1
3
40
50
3V
4V
AM11200v1
ID
30
20
10
0
0
2
VGS(V)
4
(A)
1
3
40
50
VDS=3V
AM11201v1
BVDSS
TJ(°C)
(norm)
-25
75
25
125
0.92
0.96
1.00
1.04
1.08
1.12
ID=1mA
AM11202v1
RDS(on)
10.5
8.5
6.5
4.5
2
6
ID(A)
(m
Ω)
4
8
12.5
VGS=10V
10
12
AM11203v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com