Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STNRGPF01TR Datasheet(PDF) 13 Page - STMicroelectronics

Part # STNRGPF01TR
Description  Inrush current control
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRGPF01TR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STNRGPF01TR Datasheet HTML 9Page - STMicroelectronics STNRGPF01TR Datasheet HTML 10Page - STMicroelectronics STNRGPF01TR Datasheet HTML 11Page - STMicroelectronics STNRGPF01TR Datasheet HTML 12Page - STMicroelectronics STNRGPF01TR Datasheet HTML 13Page - STMicroelectronics STNRGPF01TR Datasheet HTML 14Page - STMicroelectronics STNRGPF01TR Datasheet HTML 15Page - STMicroelectronics STNRGPF01TR Datasheet HTML 16Page - STMicroelectronics STNRGPF01TR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
DocID030377 Rev 2
13/40
STNRGPF01
STNRGPF01 block diagram
40
The output level of COMP3 and COMP2 are used to generate the master PWM[0]. The
SYNCR[1] and SYNCR[2] inputs are triggered respectively on the rising and falling edge of
the PWM[0]. These trigger signals are sent to interleaving blocks which generate the phase
shifted (120º/180º and 240º) ON/OFF signals for the other channels.
The SET[1], SET[2], RESET[1] and RESET[2] (pins: 4, 5, 8, 16) signals must be connected
to external devices (for example two flip-flops) in order to obtain the driving signals PWM1
and PWM2.
The ENABLE input (pin 18) performs a protection function. The connection to the CLOCK
signal (pin 2 at switching frequency) prevents undesired commutation of the PWM[0] and
consequently on the other channels.
3.5
Programming section
Device programming is done by using a PC with dedicated loader software (STNRG
LOADER), an FTDI cable and an adapter board (see Figure 8).
Figure 8. Programming section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com