Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STNRGPF01TR Datasheet(PDF) 19 Page - STMicroelectronics

Part # STNRGPF01TR
Description  Inrush current control
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRGPF01TR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STNRGPF01TR Datasheet HTML 15Page - STMicroelectronics STNRGPF01TR Datasheet HTML 16Page - STMicroelectronics STNRGPF01TR Datasheet HTML 17Page - STMicroelectronics STNRGPF01TR Datasheet HTML 18Page - STMicroelectronics STNRGPF01TR Datasheet HTML 19Page - STMicroelectronics STNRGPF01TR Datasheet HTML 20Page - STMicroelectronics STNRGPF01TR Datasheet HTML 21Page - STMicroelectronics STNRGPF01TR Datasheet HTML 22Page - STMicroelectronics STNRGPF01TR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
DocID030377 Rev 2
19/40
STNRGPF01
Pinout and pin description
40
4.2
Pin description
Table 2. Pin description
No. Type(1)
Name
Pin description
1
OP
PWM[0]
This pin generates the PWM[0] for the master channel CH0.
2O
CLOCK
This pin generates a PWM signal at selected working frequency with a duty cycle of
50%. This signal is used to generate triangular waveforms at switching frequency by
means of an external op-amp. The CLOCK signal is also used to implement
protection against undesired commutations.
3
I
SYNCR[1]
This pin receives the PWM[0] signal in order to synchronize the other channels. The
rising edge of the PWM[0] signal is used to trigger ON the slave channels CH1 and
CH2.
4
OP
SET[1]
This pin generates a pulse in order to set to ON the CH1 channel with the right out-
of-phase. This out-of-phase will be 120° electrical degrees when three channels are
activated and 180° when only two channels work. This pin is connected to a SET pin
of an external flip-flop in order to start the conduction of the CH1.
5
OP
RESET[1]
This pin generates a pulse in order to set OFF the CH1 channel with the right out-of-
phase. This out-of-phase will be 120° electrical degrees when three channels are
activated and 180° when only two channels work. This pin is connected to a RESET
pin of an external flip-flop in order to stop the conduction of the CH1.
6
I
SYNCR[2]
This pin receives the PWM[0] signal in order to synchronize the other channels. The
falling edge of the PWM[0] signal is used to trigger OFF the slave channels CH1 and
CH2.
7
NC
NC[1]
Reserved
8
OP
RESET[2]
This pin generates a pulse in order to set OFF the CH2 channel with out-of-phase of
240°. This pin is connected to a RESET pin of an external flip-flop in order to stop the
conduction of the CH2.
9
NC
NC[2]
Reserved
10
I/O
NRST
Reset
11
PS
VDD
Supply voltage
12
PS
VSS
Ground
13
PS
VCOUT
Supply voltage of the digital section. An external capacitor must be connected to the
VCOUT pin.
14
O
PFC_FAULT During normal operation this pin is high. If a fault condition occurs it is forced low.
15
O
PFC_OK
When the PFC has completed the start-up procedure, this pin is forced low. During
the start-up phase or when in fault condition, this pin is high.
16
OP
SET[2]
This pin generates a pulse in order to set ON the CH2 channel with out-of-phase of
240°. This pin is connected to a SET pin of an external flip-flop in order to start the
conduction of the CH2.
17
I
ZVD
This pin receives a square wave signal synchronized with input AC voltage. The
rising edge of the square wave signal is used by the STNRGPF01 to detect the ZVD
instant.
18
I
ENABLE
This pin receives the CLOCK signal in order to avoid undesired commutation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com