Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STODD01 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STODD01
Description  Synchronous rectification
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STODD01 Datasheet(HTML) 3 Page - STMicroelectronics

  STODD01 Datasheet HTML 1Page - STMicroelectronics STODD01 Datasheet HTML 2Page - STMicroelectronics STODD01 Datasheet HTML 3Page - STMicroelectronics STODD01 Datasheet HTML 4Page - STMicroelectronics STODD01 Datasheet HTML 5Page - STMicroelectronics STODD01 Datasheet HTML 6Page - STMicroelectronics STODD01 Datasheet HTML 7Page - STMicroelectronics STODD01 Datasheet HTML 8Page - STMicroelectronics STODD01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
STODD01
Block diagram
Doc ID 17789 Rev 2
3/31
1
Block diagram
Figure 1.
STODD01 block diagram
Step-Down
800mA
Step-Down
800mA
Reset
Step-Up 700mA
GND
GND
SW1
Out1
FB1
SW2
FB2
SW3
FB3
VIN_A
EN
TX
VIN_P
Reset
GND
GND
S-Wire
ch1
ch2
ch3
Step-Down
800mA
Step-Down
800mA
Reset
Step-Up 700mA
GND
GND
SW1
Out1
FB1
SW2
FB2
SW3
FB3
VIN_A
EN
TX
VIN_P
Reset
GND
GND
S-Wire
ch1
ch2
ch3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com