Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STODD01 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STODD01
Description  Synchronous rectification
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STODD01 Datasheet(HTML) 4 Page - STMicroelectronics

  STODD01 Datasheet HTML 1Page - STMicroelectronics STODD01 Datasheet HTML 2Page - STMicroelectronics STODD01 Datasheet HTML 3Page - STMicroelectronics STODD01 Datasheet HTML 4Page - STMicroelectronics STODD01 Datasheet HTML 5Page - STMicroelectronics STODD01 Datasheet HTML 6Page - STMicroelectronics STODD01 Datasheet HTML 7Page - STMicroelectronics STODD01 Datasheet HTML 8Page - STMicroelectronics STODD01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Absolute maximum ratings
STODD01
4/31
Doc ID 17789 Rev 2
2
Absolute maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VIN_A
Analog input voltage
- 0.3 to 7
V
VIN_P
Power input voltage
- 0.3 to 7
V
EN
Enable voltage
- 0.3 to 7
V
SW1
Switch pin for ch1
- 0.3 to 16
V
SW2,SW3
Switch pin for ch2 and ch3
- 0.3 to 7
V
OUT1
Output voltage for ch1
- 0.3 to 16
V
FB1
Feedback pin for ch1
- 0.3 to 2.5
V
FB2
Feedback pin for ch2
- 0.3 to 5
V
FB3
Feedback pin for ch3
- 0.3 to 2.5
V
Reset
Reset pin
- 0.3 to VIN + 0.3
V
TX
S-wire pin
- 0.3 to 7
V
TJ
Maximum junction temperature
150
°C
TSTG
Storage temperature range
- 65 to + 150
°C
TJOP
Operating junction temperature range
- 25 to + 125
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance junction-case
2.5
°C/W
RthJA
Thermal resistance junction-ambient
46
°C/W
Table 4.
ESD
Symbol
Parameter
Value
Unit
HBM
Human body model
2
kV
MM
Machine model
200
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com