Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P30N10 Datasheet(PDF) 4 Page - STMicroelectronics

Part # P30N10
Description  N-channel 100 V, 0.02 Ω typ., 32 A STripFET™ F7 Power MOSFET in a TO-220 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P30N10 Datasheet(HTML) 4 Page - STMicroelectronics

  P30N10 Datasheet HTML 1Page - STMicroelectronics P30N10 Datasheet HTML 2Page - STMicroelectronics P30N10 Datasheet HTML 3Page - STMicroelectronics P30N10 Datasheet HTML 4Page - STMicroelectronics P30N10 Datasheet HTML 5Page - STMicroelectronics P30N10 Datasheet HTML 6Page - STMicroelectronics P30N10 Datasheet HTML 7Page - STMicroelectronics P30N10 Datasheet HTML 8Page - STMicroelectronics P30N10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical characteristics
STP30N10F7
4/13
DocID028799 Rev 1
2
Electrical characteristics
(TC = 25 °C unless otherwise specified)
Table 4: On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
VGS = 0 V, ID= 250 µA
100
V
IDSS
Zero gate voltage drain
current
VGS= 0 V, VDS=100 V
1
µA
VGS= 0 V, VDS=100 V,TC=
125 °C
100
µA
IGSS
Gate-body leakage current
VDS = 0 V, VGS = +20 V
100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 μA
2.5
4.5
V
RDS(on)
Static drain-source on-
resistance
VGS = 10 V, ID = 16 A
0.02
0.024
Ω
Table 5: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 50 V, f = 1 MHz,VGS= 0 V
-
1270
-
pF
Coss
Output capacitance
-
290
-
pF
Crss
Reverse transfer
capacitance
-
24
-
pF
Qg
Total gate charge
VDD = 50 V, ID = 32 A,
VGS = 10 V
(see Figure 14: "Test circuit for gate
charge behavior"
)
-
19
-
nC
Qgs
Gate-source charge
-
9
-
nC
Qgd
Gate-drain charge
-
4.5
-
nC
Table 6: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay
time
VDD = 50 V, ID =16 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 13: "Test circuit for resistive
load switching times"
)
-
12
-
ns
tr
Rise time
-
17.5
-
ns
td(off)
Turn-off delay
time
-
22
-
ns
tf
Fall time
-
5.6
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com