Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP315N10F7 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP315N10F7
Description  High avalanche ruggedness
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP315N10F7 Datasheet(HTML) 1 Page - STMicroelectronics

  STP315N10F7 Datasheet HTML 1Page - STMicroelectronics STP315N10F7 Datasheet HTML 2Page - STMicroelectronics STP315N10F7 Datasheet HTML 3Page - STMicroelectronics STP315N10F7 Datasheet HTML 4Page - STMicroelectronics STP315N10F7 Datasheet HTML 5Page - STMicroelectronics STP315N10F7 Datasheet HTML 6Page - STMicroelectronics STP315N10F7 Datasheet HTML 7Page - STMicroelectronics STP315N10F7 Datasheet HTML 8Page - STMicroelectronics STP315N10F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
August 2016
DocID025348 Rev 4
1/13
This is information on a product in full production.
www.st.com
STP315N10F7
Automotive-grade N-
channel 100 V, 2.3 mΩ typ., 180 A
STripFET™ F7 Power MOSFET in a TO-220 package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on)max
ID
STP315N10F7
100 V
2.7 mΩ
180 A
Features
Designed for automotive applications and
AEC-Q101 qualified
Among the lowest RDS(on) on the market
Excellent FoM (figure of merit)
Low Crss/Ciss ratio for EMI immunity
High avalanche ruggedness
Applications
Switching applications
Description
This N-channel Power MOSFET utilizes
STripFET™ F7 technology with an enhanced
trench gate structure that results in very low on-
state resistance, while also reducing internal
capacitance and gate charge for faster and more
efficient switching.
Table 1: Device summary
Order code
Marking
Package
Packaging
STP315N10F7
315N10F7
TO-220
Tube
AM01475v1_Tab
D(2, TAB)
G(1)
S(3)


Similar Part No. - STP315N10F7

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP315N10F7 ISC-STP315N10F7 Datasheet
333Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP315N10F7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STH290N4F6-2AG STMICROELECTRONICS-STH290N4F6-2AG Datasheet
486Kb / 19P
High avalanche ruggedness
03-Jul-2015
STL220N6F7 STMICROELECTRONICS-STL220N6F7 Datasheet
744Kb / 13P
High avalanche ruggedness
22-Sep-2014
STS7P4LLF6 STMICROELECTRONICS-STS7P4LLF6 Datasheet
396Kb / 13P
High avalanche ruggedness
10-Mar-2015
STH170N8F7-2 STMICROELECTRONICS-STH170N8F7-2 Datasheet
823Kb / 15P
High avalanche ruggedness
20-Feb-2015
STL86N3LLH6AG STMICROELECTRONICS-STL86N3LLH6AG Datasheet
1,009Kb / 16P
High avalanche ruggedness
February 2015 Rev 3
STP220N6F7 STMICROELECTRONICS-STP220N6F7 Datasheet
561Kb / 13P
High avalanche ruggedness
07-Oct-2015
STL4P3LLH6 STMICROELECTRONICS-STL4P3LLH6 Datasheet
766Kb / 13P
High avalanche ruggedness
09-Dec-2014
STL8N6F7 STMICROELECTRONICS-STL8N6F7 Datasheet
893Kb / 12P
High avalanche ruggedness
27-Aug-2015
STL30P3LLH6 STMICROELECTRONICS-STL30P3LLH6 Datasheet
1Mb / 15P
High avalanche ruggedness
08-Jan-2014
STS30N3LLH6 STMICROELECTRONICS-STS30N3LLH6 Datasheet
776Kb / 13P
High avalanche ruggedness
July 2009 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com