Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP315N10F7 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP315N10F7
Description  High avalanche ruggedness
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP315N10F7 Datasheet(HTML) 3 Page - STMicroelectronics

  STP315N10F7 Datasheet HTML 1Page - STMicroelectronics STP315N10F7 Datasheet HTML 2Page - STMicroelectronics STP315N10F7 Datasheet HTML 3Page - STMicroelectronics STP315N10F7 Datasheet HTML 4Page - STMicroelectronics STP315N10F7 Datasheet HTML 5Page - STMicroelectronics STP315N10F7 Datasheet HTML 6Page - STMicroelectronics STP315N10F7 Datasheet HTML 7Page - STMicroelectronics STP315N10F7 Datasheet HTML 8Page - STMicroelectronics STP315N10F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
STP315N10F7
Electrical ratings
DocID025348 Rev 4
3/13
1
Electrical ratings
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
100
V
VGS
Gate-source voltage
±20
V
ID(1)
Drain current (continuous) at TC = 25 °C
180
A
ID(1)
Drain current (continuous) at TC = 100 °C
120
A
IDM(2)
Drain current (pulsed)
720
A
PTOT
Total dissipation at TC = 25 °C
315
W
EAS(3)
Single pulse avalanche energy (TJ = 25 °C, L=0.55 mH, IAS=65 A)
1
J
TJ
Operating junction temperature range
-55 to 175
°C
Tstg
Storage temperature range
Notes:
(1)Current limited by package.
(2)Pulse width limited by safe operating area.
(3)Starting TJ=25°C, ID=60 A, VDD=50 V.
Table 3: Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case
0.48
°C/W
Rthj-amb
Thermal resistance junction-ambient
62.5
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com