Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5682Z Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5682Z
Description  16-Bit, 1.0 GSPS 2x-4x Interpolating Dual-Channel Digital-to-Analog Converter (DAC)
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5682Z Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC5682Z Datasheet HTML 17Page - Texas Instruments DAC5682Z Datasheet HTML 18Page - Texas Instruments DAC5682Z Datasheet HTML 19Page - Texas Instruments DAC5682Z Datasheet HTML 20Page - Texas Instruments DAC5682Z Datasheet HTML 21Page - Texas Instruments DAC5682Z Datasheet HTML 22Page - Texas Instruments DAC5682Z Datasheet HTML 23Page - Texas Instruments DAC5682Z Datasheet HTML 24Page - Texas Instruments DAC5682Z Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
DAC5682Z
www.ti.com
SLLS853F – AUGUST 2007 – REVISED JANUARY 2015
Table 1. FIR0 and FIR1 Digital Filter Taps
TAP NO.
COEFF
TAP NO.
COEFF
1, 47
–5
2, 46
0
3, 45
18
4, 44
0
5, 43
–42
6, 42
0
7, 41
85
8, 40
0
9, 39
–158
10, 38
0
11, 37
272
12, 36
0
13, 35
–444
14, 34
0
15, 33
704
16, 32
0
17, 31
–1106
18, 30
0
19, 29
1795
20, 28
0
21, 27
–3295
22, 26
0
23, 25
10368
—
—
24
16384
—
—
8.3.2 Coarse Mixers: CMIX0 and CMIX1
The DAC5682Z has two coarse mixer (CMIX) blocks: CMIX0 follows FIR0 and CMIX1 follows FIR1. (See
Figure 27) Each CMIX block provides mixing capability of fixed frequencies Fs/2 (real) or ±Fs/4 (complex) with
respect to the output frequency of the preceding FIR block. Because FIR0 and CMIX0 are only used in x4
interpolation modes, the output is half-rate relative to the DAC output frequency. Therefore, an ±Fs/4 mixing
sequence results in ±FDAC/8 frequency shift at the DAC output.
Table 2. CMIX0 Mixer Sequences
Mode
CMIX0_mode(1)
CMIX0_mode(0)
MIXING SEQUENCE
Normal
0
0
FIR0A = { +A, +A , +A, +A }
(Low Pass, No Mixing)
FIR0B = { +B, +B , +B, +B }
High Pass
0
1
FIR0A = { +A, –A , +A, –A }
FIR0B = { +B, –B , +B, –B }
+FDAC /8 (+Fs/4)
1
0
FIR0A = { +A, –B , –A, +B }
FIR0B = { +B, +A , –B, –A }
–FDAC /8 (–Fs/4)
1
1
FIR0A = { +A, +B , –A, –B }
FIR0B = { +B, –A , –B, +A }
Table 3. CMIX1 Mixer Sequences
Mode
CMIX1_mode(1)
CMIX1_mode(0)
MIXING SEQUENCE
Normal
0
0
DACA = { +A, +A , +A, +A }
(Low Pass, No Mixing)
DACB = { +B, +B , +B, +B }
High Pass (Fs/2)
0
1
DACA = { +A, –A , +A, –A }
DACB = { +B, –B , +B, –B }
+FDAC /4
1
0
DACA = { +A, –B , –A, +B }
DACB = { +B, +A , –B, –A }
–FDAC /4
1
1
DACA = { +A, +B , –A, –B }
DACB = { +B, –A , –B, +A }
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: DAC5682Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com