Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5682Z Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5682Z
Description  16-Bit, 1.0 GSPS 2x-4x Interpolating Dual-Channel Digital-to-Analog Converter (DAC)
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5682Z Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC5682Z Datasheet HTML 9Page - Texas Instruments DAC5682Z Datasheet HTML 10Page - Texas Instruments DAC5682Z Datasheet HTML 11Page - Texas Instruments DAC5682Z Datasheet HTML 12Page - Texas Instruments DAC5682Z Datasheet HTML 13Page - Texas Instruments DAC5682Z Datasheet HTML 14Page - Texas Instruments DAC5682Z Datasheet HTML 15Page - Texas Instruments DAC5682Z Datasheet HTML 16Page - Texas Instruments DAC5682Z Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
DAC5682Z
www.ti.com
SLLS853F – AUGUST 2007 – REVISED JANUARY 2015
Electrical Characteristics (Digital Specifications) (continued)
over recommended operating free-air temperature range, AVDD, IOVDD = 3.3 V, CLKVDD, DVDD = 1.8 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Setup time, SDIO valid to
ts(SDIO)
10
ns
rising edge of SCLK
Hold time, SDIO valid to
th(SDIO)
5
ns
rising edge of SCLK
t(SCLK)
Period of SCLK
100
ns
t(SCLKH)
High time of SCLK
40
ns
t(SCLKL)
Low time of SCLK
40
ns
Data output delay after
td(Data)
10
ns
falling edge of SCLK
Minimum RESETB pulse
tRESET
25
ns
width
CLOCK INPUT (CLKIN/CLKINC)
Duty cycle
50%
Differential voltage(3)
0.4
1
V
CLKIN/CLKINC input
CLKVDD
V
common mode
÷2
PHASE LOCKED LOOP
DAC output at 600 kHz offset, 100 MHz, 0-dBFS tone,
2X4, fDATA = 250 MSPS, CLKIN/C = 250 MHz,
–125
PLL_m = '00111', PLL_n = '001', VCO_div2 = 0,
PLL_range = '1111', PLL_gain = '00'
Phase noise
dBc/ Hz
DAC output at 6 MHz offset, 100 MHz, 0-dBFS tone,
2X4, fDATA = 250 MSPS, CLKIN/C = 250 MHz,
–146
PLL_m = '00111', PLL_n = '001', VCO_div2 = 0,
PLL_range = '1111', PLL_gain = '00'
(3)
Driving the clock input with a differential voltage lower than 1V will result in degraded performance.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: DAC5682Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com