Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETV2501INPGF Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2501INPGF
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF Datasheet(HTML) 31 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 27Page - Texas Instruments TNETV2501INPGF Datasheet HTML 28Page - Texas Instruments TNETV2501INPGF Datasheet HTML 29Page - Texas Instruments TNETV2501INPGF Datasheet HTML 30Page - Texas Instruments TNETV2501INPGF Datasheet HTML 31Page - Texas Instruments TNETV2501INPGF Datasheet HTML 32Page - Texas Instruments TNETV2501INPGF Datasheet HTML 33Page - Texas Instruments TNETV2501INPGF Datasheet HTML 34Page - Texas Instruments TNETV2501INPGF Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 197 page
background image
Introduction
31
December 2002 − Revised November 2008
SPRS206K
Table 2−4. Signal Descriptions (Continued)
Pin
Name
Function
Other‡
Pin
Type†
Multiplexed
Signal Name
Host Port − Control Pins (Continued)
HC1
I/O/Z
F, G, H,
The HC1 pin of the Host Port serves one of two functions: parallel general-purpose
input/output (PGPIO) signal PGPIO45 or host-port interface (HPI) signal HPI.HBIL. The
function of the HC1 pin is determined by the state of the GPIO6 pin during reset. The HC1
pin is set to PGPIO45 if GPIO6 is low during reset. The HC1 pin is set to HPI.HBIL if GPIO6
is high during reset. The function of the HC1 pin will be set once the device is taken out of
reset (RESET pin transitions from a low to high state).
PGPIO45
I/O/Z
F, G, H,
K
Parallel general-purpose I/O. PGPIO45 is selected when GPIO6 is low during reset.
The PGPIO45 signal is configured as an input after reset.
HPI.HBIL
I
Host byte identification. HPI.HBIL is selected when GPIO6 is high during reset. The
HPI.HBIL signal is configured as an input after reset.
In multiplexed mode, the host must use HPI.HBIL to identify the first and second bytes of
the host cycle.
HPI Pins
HCNTL0
I/O/Z
F, G, H,
HPI access control pins. The four binary states of the HCNTL0 and HCNTL1 pins
determine which HPI register is being accessed by the host (HPIC, HPID with
HCNTL1
I/O/Z
F, G, H,
J
determine which HPI register is being accessed by the host (HPIC, HPID with
autoincrementing, HPIA, or HPID). The HCNTL0 and HCNTL1 pins are configured as
inputs after reset.
HCS
I/O/Z
C, F, G,
H, J
HPI chip-select. HCS must be low for the HPI to be selected by the host. The HCS pin is
configured as an input after reset.
A host must not initiate transfer requests until the HPI has been brought out of reset,
see Section 3.7, Host-Port Interface (HPI), for more details.
HR/W
I/O/Z
F, G, H,
J
Host read- or write-select. HR/W indicates whether the current access is to be a read or
write operation. The HR/W pin is configured as an input after reset.
HDS1
I
C, G,
Host data strobe pins. The HDS1 and HDS2 pins are used for strobing data in and out of
the HPI. The HDS1 and HDS2 pins are configured as inputs after reset.
HDS2
I
C, G,
H, J
the HPI. The HDS1 and HDS2 pins are configured as inputs after reset.
A host must not initiate transfer requests until the HPI has been brought out of reset,
see Section 3.7, Host-Port Interface (HPI), for more details.
HRDY
O/Z
F, J, M
Host ready (from DSP to host). The HRDY pin informs the host when the HPI is ready for
the next transfer. The HRDY pin is in a high-impedance state during reset and is set to
output after reset with an output value of 1.
† I = Input, O = Output, S = Supply, Z = High impedance
‡ Other Pin Characteristics:
A − Internal pullup [always enabled]
B − Internal pulldown [always enabled]
C − Hysteresis input
D − Pin has bus holder, it can be enabled/disabled through the External Bus Control Register (XBCR) [enabled by default].
E − Pin is high impedance in HOLD mode (due to HOLD pin). The EKxHZ bits in the EMIF Global Control Registers (EGCR1, EGCR2)
determine the state of the ECLKOUTx signals during HOLD mode. If EKxHZ = 0, ECLKOUTx continues clocking during HOLD mode.
If EKxHZ = 1, ECLKOUTx goes to high impedance during HOLD mode.
F − Pin is high impedance in OFF mode (TRST = 0, EMU0 = 1, and EMU1/OFF = 0).
G − Pin can be configured as a general-purpose input.
H − PIn can be configured as a general-purpose output.
J
− Pin has an internal pullup, it can be enabled/disabled through the External Bus Control Register (XBCR) [enabled by default].
K − Pin has an internal pulldown, it can be enabled/disabled through the External Bus Control Register (XBCR) [enabled by default].
L
− Fail-safe pin
M − Pin is in high-impedance during reset (RESET pin is low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com