Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETV2501INPGF Datasheet(PDF) 147 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2501INPGF
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF Datasheet(HTML) 147 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 143Page - Texas Instruments TNETV2501INPGF Datasheet HTML 144Page - Texas Instruments TNETV2501INPGF Datasheet HTML 145Page - Texas Instruments TNETV2501INPGF Datasheet HTML 146Page - Texas Instruments TNETV2501INPGF Datasheet HTML 147Page - Texas Instruments TNETV2501INPGF Datasheet HTML 148Page - Texas Instruments TNETV2501INPGF Datasheet HTML 149Page - Texas Instruments TNETV2501INPGF Datasheet HTML 150Page - Texas Instruments TNETV2501INPGF Datasheet HTML 151Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 197 page
background image
Electrical Specifications
147
December 2002 − Revised November 2008
SPRS206K
5.7
Memory Timings
5.7.1 Asynchronous Memory Timings
Table 5−9 and Table 5−10 assume testing over recommended operating conditions (see Figure 5−8 and
Figure 5−9).
Table 5−9. Asynchronous Memory Cycle Timing Requirements for ECLKIN†‡
NO.
MIN
MAX
UNIT
A3
tsu(EDV-AREH)
Setup time, EMIF.Dx valid before EMIF.ARE high
6
ns
A4
th(AREH-EDV)
Hold time, EMIF.Dx valid after EMIF.ARE high
1
ns
A6
tsu(ARDY-EKO1H)
Setup time, EMIF.ARDY valid before ECLKOUT1 high
3.5
ns
A7
th(EKO1H-ARDY)
Hold time, EMIF.ARDY valid after ECLKOUT1 high
1
ns
† To ensure data setup time, simply program the strobe width wide enough. EMIF.ARDY is internally synchronized. The EMIF.ARDY signal is
recognized in the cycle for which the setup and hold time is met. To use EMIF.ARDY as an asynchronous input, the pulse width of the EMIF.ARDY
signal should be wide enough (e.g., pulse width = 2E) to ensure setup and hold time is met.
‡ RS = Read setup, RST = Read strobe, RH = Read hold, WS = Write setup, WST = Write strobe, WH = Write hold. These parameters are
programmed via the EMIF CE space control registers.
Table 5−10. Asynchronous Memory Cycle Switching Characteristics for ECLKOUT1‡§¶
NO.
PARAMETER
MIN
MAX
UNIT
A1
tosu(SELV-AREL)
Output setup time, select signals valid to EMIF.ARE low
RS * E − 1.5
ns
A2
toh(AREH-SELIV)
Output hold time, EMIF.ARE high to select signals invalid
RH * E − 1.5
ns
A5
td(EKO1H-AREV)
Delay time, ECLKOUT1 high to EMIF.ARE valid
1.5
5
ns
A8
tosu(SELV-AWEL)
Output setup time, select signals valid to EMIF.AWE low
WS * E − 1.5
ns
A9
toh(AWEH-SELIV)
Output hold time, EMIF.AWE high to select signals invalid
WH * E − 1.5
ns
A10
td(EKO1H-AWEV)
Delay time, ECLKOUT1 high to EMIF.AWE valid
1.5
5
ns
‡ RS = Read setup, RST = Read strobe, RH = Read hold, WS = Write setup, WST = Write strobe, WH = Write hold. These parameters are
programmed via the EMIF CE space control registers.
§ E = ECLKOUT1 period in ns for EMIF.
¶ Select signals for EMIF include: EMIF.CEx, EMIF.BE[3:0], EMIF.A[21:2], and EMIF.AOE; and for EMIF writes, include EMIF.D[31:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com